Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-19193-006 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-19193-006
Description  VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19193-006 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-19193-006 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19193-006 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19193-006 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930275
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 4 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Comments
Type I Noninsulated; Class 2
Crimp Quality Equipment
Yes
Mil-Spec
AS20659-111, MS20659-111
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
1/4" (M6)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
4
Material Info
Old Part Number
F-367-14
Reference - Drawing Numbers
Sales Drawing
SD-19193-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900007
Hand Crimp Tool
0640013900
This document was generated on 04/14/2010


Numéro de pièce similaire - SD-19193-006

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-19193-006 MOLEX4-SD-19193-006 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
SD-19193-006 MOLEX4-SD-19193-006 Datasheet
149Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
More results

Description similaire - SD-19193-006

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0191930283 MOLEX4-0191930283 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930285 MOLEX4-0191930285 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930261 MOLEX4-0191930261 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930258 MOLEX4-0191930258 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930293 MOLEX4-0191930293 Datasheet
149Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930273 MOLEX4-0191930273 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930254 MOLEX4-0191930254 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930281 MOLEX4-0191930281 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930267 MOLEX4-0191930267 Datasheet
149Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930278 MOLEX4-0191930278 Datasheet
148Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com