Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPR-54 Fiches technique(PDF) 1 Page - Rohm

No de pièce SPR-54
Description  Dual-Color Type 5.0 Circular Type LED Lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

SPR-54 Fiches technique(HTML) 1 Page - Rohm

  SPR-54 Datasheet HTML 1Page - Rohm SPR-54 Datasheet HTML 2Page - Rohm SPR-54 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Directivity
External Dimensions(Unit:mm)
*IFP measured under duty ≦1/ 5,pulse width ≦1ms.
X
Y
X'
Y'
Recommemded Pad Layout
Packaging Spacifications(Unit:mm)
Packaging
Bulk
(F)
:1000pcs/Box
70
100
170
1.0
2.0
2.5
±0.1
2.5
SPR-54 Series
Dual-Color Type φ5.0 Circular Type LED Lamps
CONVENTIONAL LED LAMPS
Red
Shape
Emitting Surface
Dimension (mm)
563nm
650nm
GaAsP on GaP
GaP
SPR-54MVW
Green
Circular Type
φ5.0
SPR-54MVW
Red
Green
75
25
60
20
60
3
-25 to +85
-30 to +100
Absolute Maximum Ratings(Ta=25℃)
10
10
563
650
40
10
10
2.0
2.1
3.6
10
2.2
6.3
SPR-54MVW
Milky White
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
Electrical Optical Characteristics(Ta=25℃)
3
(TYP.)
Tolerance:
±0.2
0
50
100
50
100
Relative Luminous Intensity (
%)
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Red
Green
φ
RED
INDEX
3
2
1
(2.5)
(2.5)
φ5.0
6.0±0.3
□0.5
1:ANODE RED
2:CATHODE
3:ANODE GREEN
3−0.6
(Unit:mm)
X
Y
X'
Y'
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave


Numéro de pièce similaire - SPR-54

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SPR-54 ROHM-SPR-54 Datasheet
1Mb / 4P
   SPR-54 Series
SPR-54MVW ROHM-SPR-54MVW Datasheet
1Mb / 4P
   SPR-54 Series
SPR-54MVWFM ROHM-SPR-54MVWFM Datasheet
1Mb / 4P
   SPR-54 Series
SPR-54 ROHM-SPR-54_11 Datasheet
1Mb / 4P
   SPR-54 Series
More results

Description similaire - SPR-54

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
   Dual-Color Type 3.1 Circular Type LED Lamps
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
   High Brightness Type pi=5.0 Circular Type LED Lamps
logo
LIGITEK electronics co....
LHRFUG3992-A-PF LIGITEK-LHRFUG3992-A-PF Datasheet
164Kb / 8P
   DUAL COLOR TYPE LED LAMPS
LHY2092-R1 LIGITEK-LHY2092-R1 Datasheet
124Kb / 6P
   DUAL COLOR TYPE LED LAMPS
LHRFSBKS2093 LIGITEK-LHRFSBKS2093 Datasheet
123Kb / 6P
   DUAL COLOR TYPE LED LAMPS
LHRF9UG3993-PF LIGITEK-LHRF9UG3993-PF Datasheet
150Kb / 7P
   DUAL COLOR TYPE LED LAMPS
LHRFSBKS42293-PF LIGITEK-LHRFSBKS42293-PF Datasheet
122Kb / 7P
   DUAL COLOR TYPE LED LAMPS
LHY2092-S94-PF LIGITEK-LHY2092-S94-PF Datasheet
147Kb / 7P
   DUAL COLOR TYPE LED LAMPS
logo
Rohm
SLI-580 ROHM-SLI-580 Datasheet
300Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLR-343 ROHM-SLR-343 Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com