Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLC-22DU Fiches technique(PDF) 1 Page - Rohm

No de pièce SLC-22DU
Description  Standard Type 2.0 Cylinder Type LED Lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

SLC-22DU Fiches technique(HTML) 1 Page - Rohm

  SLC-22DU Datasheet HTML 1Page - Rohm SLC-22DU Datasheet HTML 2Page - Rohm SLC-22DU Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Orange
Cylinder Type
Shape
Emitting Surface
Dimension (mm)
Green
φ2.0
610nm
Red
GaP
650nm
563nm
Yellow
GaAsP on GaP
585nm
SLC-22MG
SLC-22YY
SLC-22DU
SLC-22VR
(TYP.)
Directivity
External Dimensions(Unit:mm)
Standard Type φ2.0 Cylinder Type LED Lamps
SLC-22 Series
Absolute Maximum Ratings(Ta=25℃)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Electrical Optical Characteristics(Ta=25℃)
*IFP measured under duty ≦1/ 5,pulse width ≦1ms.
Tolerance:
±0.2
Relative Luminous Intensity (
%)
φ
φ
φ2.0
3.4
3.8±0.3
□0.5
(2.5)
CATHODE
4−0.6
Recommemded Pad Layout
1.0
2.0
2.5
±0.1
Packaging Spacifications(Unit:mm)
Packaging
Bulk
(3F)
:2000pcs/Box
70
100
170
CONVENTIONAL LED LAMPS
SLC-22MG
SLC-22YY
SLC-22DU
SLC-22VR
Green
Yellow
60
20
60
3
-30 to +100
-25 to +85
75
25
Red
Orange
SLC-22MG
SLC-22YY
SLC-22DU
SLC-22VR
10
10
3
563
585
610
650
40
10
2.1
2.0
Colored Diffused
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
0.9
2.5
0.56
1.6
0.9
2.5
10
(Unit:mm)
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave


Numéro de pièce similaire - SLC-22DU

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SLC-22DU ROHM-SLC-22DU Datasheet
129Kb / 3P
   SLC-22 Series
More results

Description similaire - SLC-22DU

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SLB-25 ROHM-SLB-25 Datasheet
227Kb / 3P
   Standard Type Square Type LED Lamps
logo
Everlight Electronics C...
514SYGT EVERLIGHT-514SYGT Datasheet
89Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SYGD EVERLIGHT-523-2SYGD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
743UYD EVERLIGHT-743UYD Datasheet
93Kb / 6P
   2.0*5.0mm Rectangular Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523SURD-S530-A3 EVERLIGHT-523SURD-S530-A3 Datasheet
118Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523UYD-S530-A3 EVERLIGHT-523UYD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
594SUBC-C470-S400-A4 EVERLIGHT-594SUBC-C470-S400-A4 Datasheet
180Kb / 7P
   2.0*4.0MM RECTANGULAR TYPE LED LAMPS
594SYGD-S530-E2 EVERLIGHT-594SYGD-S530-E2 Datasheet
117Kb / 6P
   2.0*4.0mm Rectangular Type LED Lamps
513SYGD-S530-E2 EVERLIGHT-513SYGD-S530-E2 Datasheet
91Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com