Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-19016-004 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-19016-004
Description  Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19016-004 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-19016-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19016-004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190160041
Status:
Active
Description:
Krimptite™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab
4.75mm (.187") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19016
Comments
Butted Seam
Crimp Quality Equipment
Yes
Product Name
Krimptite™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
4.75mm (.187")
Temperature Range - Operating
Per Wire Specification
Termination Interface: Style
Crimp or Compression
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
BB-1138-032T
Reference - Drawing Numbers
Sales Drawing
SD-19016-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19016Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270071
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-19016-004

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-19016-004 MOLEX4-SD-19016-004 Datasheet
115Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire
More results

Description similaire - SD-19016-004

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0190160040 MOLEX4-0190160040 Datasheet
114Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187
0190160111 MOLEX4-0190160111 Datasheet
86Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190160038 MOLEX4-0190160038 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab2.79mm (.110") x 0.81mm (.032")
0190080024 MOLEX4-0190080024 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
0190160043 MOLEX4-0190160043 Datasheet
74Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190160042 MOLEX4-0190160042 Datasheet
114Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190080019 MOLEX4-0190080019 Datasheet
159Kb / 3P
   Flag Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab4.75mm (.187") x 0.51mm (.020")
0190160035 MOLEX4-0190160035 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
0190080029 MOLEX4-0190080029 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal StripTab 4.75mm (.187") x 0.81mm (.03
0190080022 MOLEX4-0190080022 Datasheet
159Kb / 3P
   Flag Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.020
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com