Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU9252S Fiches technique(PDF) 4 Page - Rohm

No de pièce BU9252S
Description  Audio digital delay (KARAOKE echo)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU9252S Fiches technique(HTML) 4 Page - Rohm

  BU9252S Datasheet HTML 1Page - Rohm BU9252S Datasheet HTML 2Page - Rohm BU9252S Datasheet HTML 3Page - Rohm BU9252S Datasheet HTML 4Page - Rohm BU9252S Datasheet HTML 5Page - Rohm BU9252S Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Multimedia ICs
BU9252S / BU9252F
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VDD
– 0.3 ~ + 7.0
V
Power
dissipation
mW
Storage temperature
– 55 ~ + 125
°C
Input voltage
VIN
– 0.3 ~ VDD + 0.3
V
Output voltage
VOUT
– 0.3 ~ VDD + 0.3
V
BU9252S
BU9252F
Pd
Tstg
6001
4502
1 IC only. Reduce by – 6mW / °C for each in Ta of 1°C over 25°C.
2 IC only. Reduce by – 4.5mW / °C for each in Ta of 1°C over 25°C.
Recommended operating conditions
Parameter
Symbol
Limits
Unit
VDD
4.5 ~ 5.5
V
AVDD
VDD
V
VIL
0.0 ~ 0.2VDD
V
VIH
0.8VDD ~ VDD
V
VAIN
0 ~ AVDD
V
fOSC
200 ~ 1000
kHz
Topr
– 10 ~ + 70
°C
Power supply voltage
Analog power supply voltage
Input "L" voltage
Input "H" voltage
Analog input voltage
Clock frequency
Operating temperature
Electrical characteristics (unless otherwise noted, Ta = 25°C, VDD = AVDD = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
IDD
3.5
12
mA
IAOUT
14
mA
0.3
0.8
mA
RAIN
12
25
60
k
RES
2
LSB
VLOSC
0.6
1.2
V
VHOSC
3.8
4.4
V
IOH = – 100
µA
IOSCI
16
20
µAVOSCI = VDD
150
pF
IOL = 100
µA
VAIN = AVDD, fOSC = 455kHz
VAOUT = 1V, VAIN = 0V
VAOUT = 0.5VDD, VAIN = VDD
The bias circuit is impedance.
Supply current
Analog output current
Analog input impedance
A / D to D / A precision
OSCO output "L" voltage
OSCO output "H" voltage
OSCI feedback loop current
Oscillation capacity


Numéro de pièce similaire - BU9252S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9253 ROHM-BU9253 Datasheet
72Kb / 6P
   KARAOKE echo IC
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
BU9253AS ROHM-BU9253AS Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
BU9253AS-E2 ROHM-BU9253AS-E2 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
BU9253AS ROHM-BU9253AS_05 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
More results

Description similaire - BU9252S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU9253AS ROHM-BU9253AS_05 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
Mitsubishi Electric Sem...
M65850P MITSUBISHI-M65850P Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
M65844P MITSUBISHI-M65844P Datasheet
328Kb / 7P
   DIGITAL ECHO (DIGITAL DELAY)?
logo
Renesas Technology Corp
M65831AP RENESAS-M65831AP Datasheet
4Mb / 15P
   DIGITAL ECHO(DIGITAL DELAY)
logo
Mitsubishi Electric Sem...
M65831AP MITSUBISHI-M65831AP Datasheet
80Kb / 14P
   DIGITAL ECHO (DIGITAL DELAY)
logo
List of Unclassifed Man...
BL0305 ETC1-BL0305 Datasheet
25Kb / 2P
   Digital Echo (Digital Delay)
logo
SHANGHAI BELLING CO., L...
BL0305 BELLING-BL0305 Datasheet
24Kb / 2P
   Digital Echo (Digital Delay)
logo
Renesas Technology Corp
M65850P RENESAS-M65850P Datasheet
151Kb / 12P
   Digital Echo (Digital Delay)
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
   KARAOKE echo IC
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com