Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU8307CF Fiches technique(PDF) 1 Page - Rohm

No de pièce BU8307CF
Description  Pulse / tone dialer for telephone set
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU8307CF Fiches technique(HTML) 1 Page - Rohm

  BU8307CF Datasheet HTML 1Page - Rohm BU8307CF Datasheet HTML 2Page - Rohm BU8307CF Datasheet HTML 3Page - Rohm BU8307CF Datasheet HTML 4Page - Rohm BU8307CF Datasheet HTML 5Page - Rohm BU8307CF Datasheet HTML 6Page - Rohm BU8307CF Datasheet HTML 7Page - Rohm BU8307CF Datasheet HTML 8Page - Rohm BU8307CF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
163
Communication ICs
Pulse / tone dialer for telephone set
BU8307CS / BU8307CF
The BU8307CS and BU8307CF are large scale integrated circuits with a pulse dialer and tone dialer integrated on a
single chip. These products are capable of dialing in either pulse or tone mode, and can redial up to 32 digits.
FApplications
Telephones and cordless telephones
FFeatures
1) The chip includes both a pulse and tone dialer, mak-
ing it possible to dial in either pulse or tone mode.
2) A wide operating voltage range enables direct pow-
ering by line current. The voltage range guaranteed
for both pulse and tone dialing is 2.5V to 5.5V.
3) A built-in memory enables redialing of up to 32 digits.
Note: In tone mode, the memory itself uses one digit,
so please be aware that a maximum of 31 digits can
be redialed.
4) The chip conforms to the standards of Japan, Ameri-
ca, Canada, England, Korea, Taiwan, and Australia.
5) The VDD power supply voltage is independent of the
DTMF output level.
6) There is little deviation in the frequency dividing for
the DTMF output frequency. The maximum on the +
side is + 0.15%, and on the - side is – 0.08%.
FBlock diagram


Numéro de pièce similaire - BU8307CF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU8310AK ROHM-BU8310AK Datasheet
231Kb / 12P
   Panel interface
BU8311KS ROHM-BU8311KS Datasheet
231Kb / 12P
   Panel interface
BU8313K ROHM-BU8313K Datasheet
231Kb / 12P
   Panel interface
BU8315F ROHM-BU8315F Datasheet
118Kb / 6P
   Panel interface
BU8315S ROHM-BU8315S Datasheet
118Kb / 6P
   Panel interface
More results

Description similaire - BU8307CF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS99531 TI-TMS99531 Datasheet
94Kb / 2P
[Old version datasheet]   PULSE AND TONE TELEPHONE DIALER
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
UMC Corporation
UM91214 UMC-UM91214 Datasheet
817Kb / 13P
   Tone / Pulse Dialer
logo
List of Unclassifed Man...
PJ31002 ETC1-PJ31002 Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
logo
ELAN Microelectronics C...
HM91710A EMC-HM91710A Datasheet
131Kb / 19P
   TONE/PULSE SWITCHABLE DIALER
EM91710 EMC-EM91710 Datasheet
159Kb / 19P
   TONE/PULSE SWITCHABLE DIALER
logo
Sharp Corporation
LR48061 SHARP-LR48061 Datasheet
598Kb / 10P
   Pulse/Tone Dialer LSI
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
logo
Rohm
BA8206 ROHM-BA8206 Datasheet
96Kb / 6P
   Tone ringer IC for telephone set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com