Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145202EVK Fiches technique(PDF) 7 Page - Motorola, Inc

No de pièce MC145202EVK
Description  Evaluation Board Manual
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202EVK Fiches technique(HTML) 7 Page - Motorola, Inc

Back Button MC145202EVK Datasheet HTML 3Page - Motorola, Inc MC145202EVK Datasheet HTML 4Page - Motorola, Inc MC145202EVK Datasheet HTML 5Page - Motorola, Inc MC145202EVK Datasheet HTML 6Page - Motorola, Inc MC145202EVK Datasheet HTML 7Page - Motorola, Inc MC145202EVK Datasheet HTML 8Page - Motorola, Inc MC145202EVK Datasheet HTML 9Page - Motorola, Inc MC145202EVK Datasheet HTML 10Page - Motorola, Inc MC145202EVK Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
MC145192EVK
• MC145202EVK
7
MOTOROLA
In Figure 2, DIP switch sections 6, 7, and 8 allow the computer to read Out A, Out B or Lock Detect from
the PLL device. Each of the inputs can only be read on one board at a time, but each item could be read
on a different board. In a three–board cascade, Out A could be read from the first board, Out B from the
second, and Lock Detect from the third. There is no way to determine in software the board address of a
particular input. The control program does not make use of these inputs. Pin assignment on the printer
port connector is:
Label
Pin Number
Out A
12
Out B
13
Lock Detect
15
PRINTER PORT CONFIGURATION
Printer port outputs on an IBM PC or clone use TTL–LS logic levels. Inputs are one TTL–LS load. Signal
lines can be used for any purpose. The standard names, direction of data flow, true and inverted data are
shown in Figure 3.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18 – 25
Printer
IBM Printer
Port
Pin Number
– Strobe
+ Data Bit 0
+ Data Bit 1
+ Data Bit 3
+ Data Bit 4
+ Data Bit 2
+ Data Bit 5
+ Data Bit 6
+ Data Bit 7
– Acknowledge
+ Busy
+ P. End (out of paper)
+ Select
– Auto Feed
– Error
– Initialize Printer
– Select Input
Ground
Signal Name
Figure 3. Printer Port Data Lines


Numéro de pièce similaire - MC145202EVK

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145202 MOTOROLA-MC145202 Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202D MOTOROLA-MC145202D Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202DT MOTOROLA-MC145202DT Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202F MOTOROLA-MC145202F Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
More results

Description similaire - MC145202EVK

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com