Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4081B Fiches technique(PDF) 4 Page - Rohm

No de pièce BU4081B
Description  Quad 2-input AND gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4081B Fiches technique(HTML) 4 Page - Rohm

  BU4081B Datasheet HTML 1Page - Rohm BU4081B Datasheet HTML 2Page - Rohm BU4081B Datasheet HTML 3Page - Rohm BU4081B Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Standard ICs
BU4081B / BU4081BF / BU4081BFV
1200
1000
800
600
400
200
0
0
255075
100
125
150
AMBIENT TEMPERATURE: Ta (
°C)
SOP14
SSOP-B14
DIP14
Fig. 3 Power dissipation vs. Ta
Electrical characteristic curve
BU4081B
BU4081BFV
BU4081BF
DIP14
SSOP-B14
SOP14
19.4
± 0.3
0.5
± 0.1
14
8
7
1
0.3 ± 0.1
7.62
0
° ~ 15°
2.54
0.4
± 0.1
1.27
1
14
8.7
± 0.2
7
8
0.15
0.3Min.
0.22
± 0.1
0.65
8
7
14
1
5.0
± 0.2
0.3Min.
0.1
External dimensions (Units: mm)


Numéro de pièce similaire - BU4081B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4081B ROHM-BU4081B Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4081B-E2 ROHM-BU4081B-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4081BF ROHM-BU4081BF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4081BF-E2 ROHM-BU4081BF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

Description similaire - BU4081B

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com