Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4051BCFV Fiches technique(PDF) 3 Page - Rohm

No de pièce BU4051BCFV
Description  8-channel analog multiplexer / demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4051BCFV Fiches technique(HTML) 3 Page - Rohm

  BU4051BCFV Datasheet HTML 1Page - Rohm BU4051BCFV Datasheet HTML 2Page - Rohm BU4051BCFV Datasheet HTML 3Page - Rohm BU4051BCFV Datasheet HTML 4Page - Rohm BU4051BCFV Datasheet HTML 5Page - Rohm BU4051BCFV Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Standard ICs
BU4051BC / BU4051BCF / BU4051BCFV
Switching characteristics (unless otherwise noted, Ta = 25°C, VEE = VSS = 0V, RL = 1k
Ω, CL = 50pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
tPLH
tPHL
—15
45
ns
5
Fig.4
8
20
10
6
15
15
170
550
ns
5
90
240
10
70
160
15
150
380
ns
5
70
200
10
50
160
15
Max. propagation frequency
20
MHz
5
Fig.7
Feedthrough
FT
0.5
MHz
5
Fig.7
Sinewave distortion
D
0.02
%
5
Fig.7
Input capacitance (control)
CC
—5—
pF
Input capacitance (switch)
CS
10
pF
Fig.5, 6
Fig.5, 6
tPHZ, tPLZ
tPZH, tPZL
Propagation delay time
CHANNEL IN
→OUT
Propagation delay time
CONT
→OUT
Propagation delay time
INHIBIT
→OUT
tPHZ, tPLZ
tPZH, tPZL
fMax.
VDD (V)
VEE = – 5V1
VEE = – 5V2
VEE = – 5V3
1 VIN = 5VP-P sine wave, frequency that enables 20 log10 VOUT / VIN = – 3dB
2 VIN = 5VP-P sine wave, frequency that enables 20 log10 VOUT / VIN = – 50dB at Channel off
3 VIN = 5VP-P sine wave
Measurement circuits
IIN
VEE
GND
VIN
A
B
C
INH
COMMON
OUT / IN
CHANNEL
IN / OUT
A
VDD
VDD
RL = 10k
Fig. 1 Input voltage, current
V
VIN
A
B
C
INH
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
VDD / 2
RL = 10k
V
VIN
VOUT
RON = RL
VOUT
– 1
()
VCONTROL IN
Fig. 2 ON resistance, ON resistance deviation
VEE
GND


Numéro de pièce similaire - BU4051BCFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4051BCFV ROHM-BU4051BCFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV ROHM-BU4051BCFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV ROHM-BU4051BCFV Datasheet
1Mb / 21P
   8ch Analog Multiplexer/Demultiplexer
BU4051BCFV-E2 ROHM-BU4051BCFV-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCFV-E2 ROHM-BU4051BCFV-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Description similaire - BU4051BCFV

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com