Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4021B Fiches technique(PDF) 3 Page - Rohm

No de pièce BU4021B
Description  8-bit static shift register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4021B Fiches technique(HTML) 3 Page - Rohm

  BU4021B Datasheet HTML 1Page - Rohm BU4021B Datasheet HTML 2Page - Rohm BU4021B Datasheet HTML 3Page - Rohm BU4021B Datasheet HTML 4Page - Rohm BU4021B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Standard ICs
BU4021B / BU4021BF
Output fall time
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VDD (V)
tTLH
180
ns
5
Fig.1
90
10
65
15
tTHL
100
ns
5
Fig.1
50
10
40
15
tPLH
400
ns
5
Fig.1
170
10
115
15
tPHL
400
ns
5
Fig.1
170
10
115
15
Setup time
tsu
150
ns
5
Fig.1
50
10
30
15
Minimum clock
pulse width
tW (CLK)
150
ns
5
Fig.1
75
10
40
15
Maximum clock
frequency
f (CLK) Max.
3.0
MHz
5
Fig.1
6.0
10
8.0
15
Maximum clock
rise / fall time
tr (CLK)
tf (CLK)
——
15
µs
5
Fig.1
——
5.0
10
——
4.0
15
Minimum P / S
control pulse width
tw (P / S)
150
ns
5
——
75
10
40
15
Input capacitance
CIN
5
pF
——
"L" to "H"
propagation delay time
CLOCK to Q, P / S to Q
"H" to "L"
propagation delay time
CLOCK to Q, P / S to Q
Output rise time
Switching characteristics (unless otherwise noted, VSS = 0V, Ta = 25°C, CL = 50pF)


Numéro de pièce similaire - BU4021B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4021B ROHM-BU4021B Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4021B-E2 ROHM-BU4021B-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4021BF ROHM-BU4021BF Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4021BF-E2 ROHM-BU4021BF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4021BFV ROHM-BU4021BFV Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

Description similaire - BU4021B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
logo
NXP Semiconductors
HEF4014BT653 PHILIPS-HEF4014BT653 Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4014B NEXPERIA-HEF4014B Datasheet
216Kb / 12P
   8-bit static shift register
Rev. 11 - 24 November 2021
logo
NXP Semiconductors
HEF4014B NXP-HEF4014B Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com