Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2092 Fiches technique(PDF) 7 Page - Rohm

No de pièce BU2092
Description  12-bit, serial IN, parallel OUT driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2092 Fiches technique(HTML) 7 Page - Rohm

Back Button BU2092 Datasheet HTML 3Page - Rohm BU2092 Datasheet HTML 4Page - Rohm BU2092 Datasheet HTML 5Page - Rohm BU2092 Datasheet HTML 6Page - Rohm BU2092 Datasheet HTML 7Page - Rohm BU2092 Datasheet HTML 8Page - Rohm BU2092 Datasheet HTML 9Page - Rohm BU2092 Datasheet HTML 10Page - Rohm BU2092 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Standard ICs
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
Truth table
BU2092 / F / FV
INPUT
FUNCTION
CLOCK DATA
LCK
OE
××
×
H
××
×
L
L
××
H
××
××
×
××
×
××
×
Output (Q0 to Q11) disabled
Output (Q0 to Q11) enabled
First cell of the shift register stores the LOW. Other cells, respectively, store
data from the preceding cells or other prior data. (Output state is HOLD.)
First cell of the shift register stores the HIGH. Other cells, respectively, store
data from the preceding cells or other prior data. (Storage state and output state are HOLD.)
No change in shift register.
Contents of shift register are stored in storage register.
No change in shift register.
Q0 to Q11 output for the BU2090 / F / FS and BU2092 / F / FV is Nch open drain output. When the shift register transfer data is LOW,
the corresponding output FET is ON (continuous state). When the transfer data is HIGH, the output FET is OFF (discontinuous).
Input / output circuit
VDD
VDD
GND (VSS)
GND (VSS)
GND (VSS)
Pin No.
Pin No.
Pin No.
Pin No.
Pin No.
Pin No.
BU2090 / F / FS
BU2092 / F
BU2092FV
BU2090 / F / FS
BU2092 / F
BU2092FV
2, 3
2, 3, 4, 17
2, 3, 4, 19
10, 11, 12, 13
14, 15
4, 5, 6, 7, 8, 9
10, 11, 12, 13
14, 15, 16
5, 6, 7, 8, 9,
10, 11, 14, 15
16, 17, 18
5, 6, 7, 8, 9,


Numéro de pièce similaire - BU2092

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2092F ROHM-BU2092F Datasheet
258Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2092F ROHM-BU2092F Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092F ROHM-BU2092F Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092F ROHM-BU2092F Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092F ROHM-BU2092F Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
More results

Description similaire - BU2092

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
   8bit Serial IN / Parallel Out Driver
BA829 ROHM-BA829_1 Datasheet
165Kb / 6P
   8bits Serial-In Parallel-Out Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com