Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BA7182AS Datasheet(Fiches technique) 2 Page - Rohm

Numéro de pièce BA7182AS
Description  2-channel PRE / REC amplifier with auto-tracking interface
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo 

   
 2 page
background image
2
Video ICs
BA7182AS
Block diagram
22
1
2
3
4
5
6
7
8
9
10
11
21
20
19
18
17
16
15
14
13
12
GND 2
VCC
+
REC
OUT
DFF IN
DET FILTER
HOLD FILTER
REC DCFB
PRE IN 1
PRE IN 2
GND 1
REC AGC FILTER
REC LEVEL ADJ
H SYNC IN
(REC
OUT 1)
(REC
OUT 2)
REC EQ
PB AGC OUT
PB / EE / REC CTRL
REC IN
PB AGC FILTER
PB RF OUT
AT ENVE DET ADJ
AT ENVE HOLD OUT
EP / SP CTRL




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BA7180AS2-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
BA7181FS2-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
BA7184S4-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
MAX1265265ksps +3V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
AD79922-Channel 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP 1 2 3 4 5 MoreAnalog Devices
UZZ7000TTrigger amplifier with two wire current interface 1 2 3 4 5 MoreNXP Semiconductors
BA7274S4-channel video-signal PRE/REC amplifier 1 2 3 4 5 MoreRohm
TA2042FDUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO 1 2 3 4 5 MoreToshiba Semiconductor
MAX1294420ksps +5V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1266420ksps +5V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl