Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BA7181FS Datasheet(Fiches technique) 6 Page - Rohm

Numéro de pièce BA7181FS
Description  2-channel PRE / REC amplifier with auto-tracking interface
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo 

   
 6 page
background image
6
Video ICs
BA7181FS
Control mode tables
(1) DFF IN (pin 1)
• Playback input selection (head switching)
Control pin
Function
Selected playback input
Control voltage
VCTRL1 [V]
H
3.5 ~ V CC
L
0.0 ~ 1.2
DFF IN
Channel1 (PRE IN1 5pin)
Channel2 (PRE IN2 7pin)
(2) H SYNC IN (pin 15)
• Controls recording AGC detector block operation.
Control pin
Function
AGC detector
Control voltage
VCTRL15 [V]
H
ON
2.7 ~ V CC
L
OFF
0.0 ~ 1.2
H SYNC
(3) PB / EE / REC CTRL (pin 8)
• Playback / recording mute / recording mode switching
Control pin
Mode
Function
Control voltage
VCTRL9 [V]
H
PB
ON
ON
OFF
OFF
M
REC MUTE
OFF
OFF
ON
ON
L
REC
OFF
OFF
OFF
ON
PB / EE / REC
3.8 ~ V CC
2.2 ~ 2.8
0.0 ~ 1.2
PRE AMP
AT ENVE REC MUTE REC AMP
Pin 8 is pulled up to VCC via a 33kΩ resistor.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BA7180AS2-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
BA7182AS2-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
BA7184S4-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
MAX1265265ksps +3V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
AD79922-Channel 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP 1 2 3 4 5 MoreAnalog Devices
UZZ7000TTrigger amplifier with two wire current interface 1 2 3 4 5 MoreNXP Semiconductors
BA7274S4-channel video-signal PRE/REC amplifier 1 2 3 4 5 MoreRohm
TA2042FDUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO 1 2 3 4 5 MoreToshiba Semiconductor
MAX1294420ksps +5V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1266420ksps +5V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl