Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BA7180AS Datasheet(Fiches technique) 6 Page - Rohm

Numéro de pièce BA7180AS
Description  2-channel PRE / REC amplifier with auto-tracking interface
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo 

 6 page
background image
6
Video ICs
BA7180AS / BA7180AFS
Fig.2
BA7180AS (recording system)
AGC
PRE
PRE
+
AGC
DET
MUTE
REC
DET
HPF
LOGIC
DET
HPF
RF
22
PRE / REC
21
20
19
18
17
16
15
14
13
12
VCC
123456789
10
11
R
C
L
Units:
[
Ω]
[F]
[H]
+




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BA7181FS2-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
BA7182AS2-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
BA7184S4-channel PRE / REC amplifier with auto-tracking interface 1 2 3 4 5 MoreRohm
MAX1265265ksps +3V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
AD79922-Channel 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP 1 2 3 4 5 MoreAnalog Devices
UZZ7000TTrigger amplifier with two wire current interface 1 2 3 4 5 MoreNXP Semiconductors
BA7274S4-channel video-signal PRE/REC amplifier 1 2 3 4 5 MoreRohm
TA2042FDUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO 1 2 3 4 5 MoreToshiba Semiconductor
MAX1294420ksps +5V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1266420ksps +5V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl