Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BA6803S Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce BA6803S
Description  Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo 

   
 1 page
background image
811
Audio ICs
Fluorescent display tube level meter
driver, 16-point
2 channel, VU scale,
bar display
BA6803S
The BA6803S is a two-channel, 16-point fluorescent display tube driver for VU-scale bar-level meters. It uses a dynamic-
drive system and has both AC and DC inputs.
The AC input mode has a peak hold circuit. The IC features a power-on mute, and the output block can directly drive
fluorescent display tubes, so few external components are required.
The grid output duty cycle is 1 / 8.
FApplications
Level meters for all types of AV equipment
FFeatures
1) Uses dynamic-drive system to display two 16-point
channels. 30-pin SDIP package.
2) AC and DC inputs provided. Switching function al-
lows two-mode display.
3) Upper 12 points have peak hold function in AC mode
(two seconds typ.).
4) Power-on mute function.
5) Dynamic-drive system reduces the power dissipa-
tion of the fluorescent display tube power supply.
6) Square root compression amplifier built in.
FAbsolute maximum ratings (Ta = 25_C)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BA6800AFFluorescent display tube level meter driver 16-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm
BA6800ASFluorescent display tube level meter driver 16-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm
BA6810FFluorescent display tube level meter driver 12-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm
BA6810SFluorescent display tube level meter driver 12-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm
BA6146Fluorescent display tube level meter driver 12-point VU scale bar display 1 2 3 4 Rohm
BA6820FLED level meter driver 12-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm
BA682ALED level meter driver 12-point VU scale dot or bar display 1 2 3 4 5 Rohm
BA668A12-Point Fluorescent Display Tube VU Scale Peak Hold Meter Driver 1 2 3 4 Rohm
NTE1866Integrated Circuit 5-Point LED VU Scale Bar Level Meter Driver 1 2 NTE Electronics
HA12010FLUORESCENT TUBE DRIVER FOR BAR GRAPH DISPLAY 1 2 3 4 5 Hitachi Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl