Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6800 Fiches technique(PDF) 6 Page - Rohm

No de pièce BA6800
Description  Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6800 Fiches technique(HTML) 6 Page - Rohm

  BA6800 Datasheet HTML 1Page - Rohm BA6800 Datasheet HTML 2Page - Rohm BA6800 Datasheet HTML 3Page - Rohm BA6800 Datasheet HTML 4Page - Rohm BA6800 Datasheet HTML 5Page - Rohm BA6800 Datasheet HTML 6Page - Rohm BA6800 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
R4
= 7.3
R6
<
5
*0.6
0.6
*
5
*0.6
IB (mA)
R4 (k
Ω)
0.6
R6 (k
Ω)
Fluorescent tube grid current
IB >
hFE
802
Audio ICs
BA6800AS
FTiming chart
(when oscillator frequency is 2kHz)
FAttached components (refer to “Circuit operation”)
C1 and C2 : input coupling capacitors.
VR1 and VR2 : AC sensitivity adjustment and balance ad-
justment (3k
Ω recommended).
C3, R1, C4 and R2 : set the response characteristics with
respect to the AC input signal. In the example given, the
attack time is about 4mS and the release time is about
1sec.
R3 : Pullup resistor for the input switching terminal (pin 8).
R6 and R7 : resistor for the grid leak current path (IGleak).
Set so that IGleak
R6 (R7) < 0.6V.
R4 and R5 : base bias resistors for Q1 and Q2.
Conditions for base bias current (IB) flow are VCC = 5V and
VF = 0.6V :
the base current is given by the following formula.
Set resistors R4 and R6 (R5 and R7) so that
Q1 and Q2 : grid output inverting transistors. Use transis-
tors for which VCEO > VCC
) VEE.
R8 to R25 : Resistors that reverse bias the segments and
grid when the fluorescent tube is not lit.
The application example given is for general cases. Se-
lect the resistors to suit the characteristics of the fluores-
cent tube used.
C5 and R26 : set the oscillator frequency.
Capacitor C5 should be a component with good tempera-
ture characteristics.
FOperation notes
(1)
Adjust the potentiometers VR1 and VR2 (connected
to pins 1 and 3) to adjust the 0dB input level and the dis-
persion of ch1 and ch2.
(2)
The temperature characteristic for the lighting limit
for the 16th LED is shown in Fig. 6.
(3)
The external resistor R26 connected to the oscillator
(pin 30) should be in the range of 20k
Ω and 100kΩ. If it
is outside this range, oscillation may stop due to the influ-
ence of temperature (see Fig. 7).


Numéro de pièce similaire - BA6800

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6800 ROHM-BA6800 Datasheet
129Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6800AF ROHM-BA6800AF Datasheet
129Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
More results

Description similaire - BA6800

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6800AF ROHM-BA6800AF Datasheet
129Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6803S ROHM-BA6803S Datasheet
126Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6810F ROHM-BA6810F Datasheet
140Kb / 7P
   Fluorescent display tube level meter driver, 12-point x 2 channel, VU scale, bar display
BA6810S ROHM-BA6810S Datasheet
151Kb / 7P
   Fluorescent display tube level meter driver, 12-point x 2 channel, VU scale, bar display
BA6146 ROHM-BA6146 Datasheet
110Kb / 4P
   Fluorescent display tube level meter driver, 12-point, VU scale, bar display
BA6820F ROHM-BA6820F Datasheet
172Kb / 10P
   LED level meter driver, 12-point x 2 channel, VU scale, bar display
BA668A ROHM-BA668A Datasheet
403Kb / 4P
   12-Point Fluorescent Display Tube VU Scale Peak Hold Meter Driver
BA682A ROHM-BA682A Datasheet
85Kb / 5P
   LED level meter driver, 12-point, VU scale, dot or bar display
logo
NTE Electronics
NTE1866 NTE-NTE1866 Datasheet
21Kb / 2P
   Integrated Circuit 5-Point LED VU Scale Bar Level Meter Driver
logo
Rohm
BA6144 ROHM-BA6144 Datasheet
43Kb / 3P
   LED level meter driver, 5-point, VU scale
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com