Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6780FP-Y Fiches technique(PDF) 6 Page - Rohm

No de pièce BA6780FP-Y
Description  2-channel driver for CD changers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6780FP-Y Fiches technique(HTML) 6 Page - Rohm

Back Button BA6780FP-Y Datasheet HTML 2Page - Rohm BA6780FP-Y Datasheet HTML 3Page - Rohm BA6780FP-Y Datasheet HTML 4Page - Rohm BA6780FP-Y Datasheet HTML 5Page - Rohm BA6780FP-Y Datasheet HTML 6Page - Rohm BA6780FP-Y Datasheet HTML 7Page - Rohm BA6780FP-Y Datasheet HTML 8Page - Rohm BA6780FP-Y Datasheet HTML 9Page - Rohm BA6780FP-Y Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BA6780 / BA6780FP-Y
Optical disc ICs
Electrical characteristics (unless otherwise noted, Ta = 25
°C, VCC = 10V) ( ∗1 BA6780FP-Y)
Parameter
Quiescent current
Mute on voltage
Mute off voltage
Vref input voltage range
Vref pin current
PWM input high level voltage
PWM input low level voltage
PWM input high level current
PWM input low level current
<Electronic governor>
Output offset voltage
Max. pin-to-pin output voltage
Pin-to-pin output voltage 1-1
Pin-to-pin output voltage 1-2
Pin-to-pin output voltage 1-3
Pin-to-pin output voltage 1-4
Voltage gain of positive feedback amplifier
<Reversible driver>
Output saturation voltage
Pin-to-pin output voltage 2-1
Pin-to-pin output voltage 2-2
Pin-to-pin output voltage 2-3
Pin-to-pin output voltage 2-4
Output load fluctuation
<4.6V constant-voltage output>
Output voltage
Output load fluctuation (source)
Output load fluctuation (sink)
Symbol
Min.
Typ.
Max.
Unit
IQ
VCC1
4.0
8.0
16.0
mA
VIN
0
4V
IIN
VIH
3.5
VCC2
5.5
V
V
µA
VIL
1.0
V
V
IIH
0.02
100
1.0
µA
dB
IIL
−1.0
1.0
µA
VOF
VOM
−100
6.0
0
6.5
100
VOUR12
−5.2
−4.7
−4.2
VOUT11
4.2
4.7
5.2
VOUT13
−100
0
100
mV
mV
mV
VOUT14
−50
0
50
GVNF
20.5
22.0
23.5
VCESAT
VOUT21
4.5
1.0
2.1
5.0
5.5
VOUT22
−5.5
−5.0
−4.5
VOUT23
−50
0
50
VOUT24
−50
0
50
VOUT
200
400
mV
Vreg
4.35
4.85
4.60
V
V
V
V
V
V
V
VOSO
VOSI
−20
−5
520
mV
mV
mV
mV
Stop mode
Conditions
With VCC as the reference potential
Brake mode
Reverse mode
Forward mode
Stop mode
1mA source
1mA sink
Brake mode
Reverse mode
Forward mode
VIN
1=2.5V
IO=100mA
VIN2=2.5V
RO (current detector)=0.6
RL (load)=9
12, 13 open
17, 18pin open
1
With VCC as the reference potential
RL (load)=9
Ω, RO (current detector)=0.6Ω
RL (load)=9
Ω, RO (current detector)=0.6Ω
Mute off voltage when VCC rises
Open mode with no load
Mute on voltage when VCC falls
Vref=0V, VIN=
−20dBV, f=1kHz
IO=100mA, VIN
2=5V, Total of upper side
and lower side ineffective voltage of output Tr
Difference in output voltage for
IO=400mA and IO=100mA
Not designed for radiation resistance.


Numéro de pièce similaire - BA6780FP-Y

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BA672 ETC1-BA672 Datasheet
375Kb / 3P
   Motor speed and phase control
logo
Vishay Siliconix
BA679 VISHAY-BA679 Datasheet
50Kb / 4P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
BA679 VISHAY-BA679 Datasheet
138Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD80
Rev. 1.6, 12-Sep-06
BA679 VISHAY-BA679 Datasheet
113Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.7, 05-Aug-10
BA679 VISHAY-BA679 Datasheet
83Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
More results

Description similaire - BA6780FP-Y

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD7962FM ROHM-BD7962FM Datasheet
355Kb / 7P
   Power Driver IC for CD changers
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
   2-channel Bridge Driver for CD and CD-ROMs
logo
Rohm
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
   2-channel BTL driver for CD players
BA6792FP ROHM-BA6792FP Datasheet
123Kb / 7P
   2-channel BTL driver for CD players
BA6295AFP ROHM-BA6295AFP Datasheet
75Kb / 5P
   2-channel BTL driver for CD players
logo
Panasonic Semiconductor
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
logo
Rohm
BA5811FM ROHM-BA5811FM Datasheet
294Kb / 2P
   5 Channel Driver for CD/CD-ROM
BA5814FM ROHM-BA5814FM Datasheet
403Kb / 3P
   5 channel BTL Driver for CD
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Sanyo Semicon Device
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
   4-channel Bridge Driver for CD and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com