Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6387K Fiches technique(PDF) 10 Page - Rohm

No de pièce BA6387K
Description  Preservo amplifier for CD players
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6387K Fiches technique(HTML) 10 Page - Rohm

Back Button BA6387K Datasheet HTML 5Page - Rohm BA6387K Datasheet HTML 6Page - Rohm BA6387K Datasheet HTML 7Page - Rohm BA6387K Datasheet HTML 8Page - Rohm BA6387K Datasheet HTML 9Page - Rohm BA6387K Datasheet HTML 10Page - Rohm BA6387K Datasheet HTML 11Page - Rohm BA6387K Datasheet HTML 12Page - Rohm BA6387K Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BA6387K
Optical disc ICs
(3) APC block and AGC block
+
V-I
+
BL
PL
20k
20k
lagc=50
µA
20k
Tr1
1
µF
1
µF
1
µF
10
µH
LD
PD
2.64k
13.3k
V1
18
5
7
6
Fig.6 APC and AGC blocks
FON
11
MUTE
High-off
The initial setting for V1 is 1.2V. When PL-BL (the RF AC
amplitude) exceeds a certain value (VAGC), then AGC
lowers V1 and suppresses the laser power. The value of
VAGCis (50
µA × 20k) = 1V.
When defect turns high, Tr1 turns OFF. When FON (pin
11) is low, the LD output (pin 6) becomes high.


Numéro de pièce similaire - BA6387K

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6386 ROHM-BA6386 Datasheet
214Kb / 13P
   Preservo amplifier for CD players
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
More results

Description similaire - BA6387K

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
BA6376K ROHM-BA6376K Datasheet
284Kb / 8P
   Preservo amplifiers for CD players
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
logo
LSI Computer Systems
BA5817FM LSI-BA5817FM Datasheet
197Kb / 3P
   IC for CD Players
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com