Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6198FP Fiches technique(PDF) 8 Page - Rohm

No de pièce BA6198FP
Description  4-channel BTL driver for CD players
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6198FP Fiches technique(HTML) 8 Page - Rohm

Back Button BA6198FP Datasheet HTML 2Page - Rohm BA6198FP Datasheet HTML 3Page - Rohm BA6198FP Datasheet HTML 4Page - Rohm BA6198FP Datasheet HTML 5Page - Rohm BA6198FP Datasheet HTML 6Page - Rohm BA6198FP Datasheet HTML 7Page - Rohm BA6198FP Datasheet HTML 8Page - Rohm BA6198FP Datasheet HTML 9Page - Rohm BA6198FP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
315
Optical disc ICs
BA6198S / BA6198FP
FOperation notes
(1)
Relationship between mute and reset output
Drop in regulator voltage
When the regulator volt-
age drops below 4.0V (typically), the reset output
changes to the low level and the IC is simultaneously
muted. When the regulator voltages rises above 4.2V
(typically), reset output changes to the high level and
muting is released.
Drop in bias voltage
When the bias pin voltage
drops below 1.4V (typically), the IC is muted and the re-
set output simultaneously changes to the low level. Dur-
ing ordinary use, the bias voltage should be kept above
1.6V.
Thermal shutdown
When the chip temperature
rises above 175
_C (typically), the IC is muted and the re-
set output simultaneously changes to the low level.
Muting
When the mute pin voltage is opened or
lowered below 0.5V, the IC is muted, but the reset output
remains the same.
(2)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage or regulator
voltage. In each case, only the drivers are muted. During
muting, the output pins remain at the internal bias volt-
age, roughly (VCC-VF)/2.
(3)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor between the power supplies, at the base of the IC.
(4)
The radiating fin is connected to the package’s in-
ternal GND, but should also be connected to an external
ground.
(5)
The capacitor between regulator output (pin 8) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.
FElectrical characteristic curves


Numéro de pièce similaire - BA6198FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6191 ROHM-BA6191 Datasheet
99Kb / 6P
   2-channel reversible-motor driver
BA6193 ROHM-BA6193 Datasheet
104Kb / 7P
   2-channel reversible-motor driver
BA6195 ROHM-BA6195 Datasheet
163Kb / 12P
   1-channel BTL driver for CD players
BA6195FP-Y ROHM-BA6195FP-Y Datasheet
163Kb / 12P
   1-channel BTL driver for CD players
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
More results

Description similaire - BA6198FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
   4-channel BTL driver for CD players
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
   4-channel BTL driver for CD players
BA6297AFP ROHM-BA6297AFP Datasheet
107Kb / 6P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com