Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BA5970FP Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce BA5970FP
Description  4-channel BTL driver for CD players and CD-ROMs
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo 

   
 1 page
background image
653
Optical disc ICs
4-channel BTL driver for CD players
and CD-ROMs
BA5970FP
The BA5970FP is a 4-channel BTL driver developed to drive CD player motors and actuators. The driver input stage
contains an operational amplifier, supports a variety of input formats, and allows simple configuration of a filter.
FApplications
CD players, CD-ROM
FFeatures
1) 4-channel BTL driver.
2) Wide dynamic range (4V when PREVCC = 8V,
POWVCC = 5V, and RL = 8
Ω).
3) Internal thermal shutdown circuit.
4) Driver gain is adjustable with externally connected
resistor.
5) Independent power supplies PREVCC, POWVCC (for
channels 1 and 2), and POWVCC (for channels 3 and
4), and low voltage operation for a highly efficient
drive.
6) Independent mute pins for channels 1 and 2 and
channels 3 and 4.
7) Perfect for compact applications with the use of the
HSOP28-pin power package.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BA5916FP4-channel BTL driver for CD players and CD-ROMs 1 2 3 4 5 MoreRohm
BA5913FP-Y4-channel BTL driver for CD players and CD-ROM drives 1 2 3 4 5 MoreRohm
BA6198S4-channel BTL driver for CD players 1 2 3 4 5 MoreRohm
BA5948FP4-channel BTL driver for CD players 1 2 3 Rohm
BA6297AFP4-channel BTL driver for CD players 1 2 3 4 5 MoreRohm
BA62994-Channel H-bridge type BTL driver for CD players 1 2 3 4 5 MoreRohm
BA6392FP4-channel BTL driver for CD players 1 2 3 4 5 MoreRohm
BA6397FP4-channel BTL driver for CD players 1 2 3 4 5 MoreRohm
BA6398FP4-channel BTL driver for CD players 1 2 3 4 5 MoreRohm
BH6510FS4-channel PWM driver for CD and MD players 1 2 3 4 5 MoreRohm