Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA5921FP Fiches technique(PDF) 4 Page - Rohm

No de pièce BA5921FP
Description  4-channel BTL driver for CD player and CD-ROM drives
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA5921FP Fiches technique(HTML) 4 Page - Rohm

  BA5921FP Datasheet HTML 1Page - Rohm BA5921FP Datasheet HTML 2Page - Rohm BA5921FP Datasheet HTML 3Page - Rohm BA5921FP Datasheet HTML 4Page - Rohm BA5921FP Datasheet HTML 5Page - Rohm BA5921FP Datasheet HTML 6Page - Rohm BA5921FP Datasheet HTML 7Page - Rohm BA5921FP Datasheet HTML 8Page - Rohm BA5921FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
272
Optical disc ICs
BA5921FP
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 5V, BIAS = 2.5V, RL = 8Ω)


Numéro de pièce similaire - BA5921FP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BA592 PHILIPS-BA592 Datasheet
64Kb / 8P
   Band-switching diode
1998 May 07
logo
Siemens Semiconductor G...
BA592 SIEMENS-BA592 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BA592 INFINEON-BA592 Datasheet
416Kb / 4P
   Silicon RF Switching Diode
Feb-04-2003
logo
Guangdong Kexin Industr...
BA592 KEXIN-BA592 Datasheet
33Kb / 1P
   Band-switching diode
logo
Infineon Technologies A...
BA592 INFINEON-BA592 Datasheet
108Kb / 11P
   Silicon RF Switching Diode
2007-04-19
More results

Description similaire - BA5921FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA5913FP-Y ROHM-BA5913FP-Y Datasheet
142Kb / 9P
   4-channel BTL driver for CD players and CD-ROM drives
logo
Minilogic Device Corpor...
ML5954 MINILOGIC-ML5954 Datasheet
562Kb / 6P
   ML5954 4-channel BTL driver for CD-ROM Driver & DVD Player
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
NXP Semiconductors
TZA1048 PHILIPS-TZA1048 Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Sanyo Semicon Device
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
   For CD Player 4-channel Bridge (BTL) Driver
logo
Rohm
BA5983FM ROHM-BA5983FM_1 Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com