Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA3430S Fiches technique(PDF) 5 Page - Rohm

No de pièce BA3430S
Description  Stereo pre-amplifiers with mute detection circuits for car stereos
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA3430S Fiches technique(HTML) 5 Page - Rohm

  BA3430S Datasheet HTML 1Page - Rohm BA3430S Datasheet HTML 2Page - Rohm BA3430S Datasheet HTML 3Page - Rohm BA3430S Datasheet HTML 4Page - Rohm BA3430S Datasheet HTML 5Page - Rohm BA3430S Datasheet HTML 6Page - Rohm BA3430S Datasheet HTML 7Page - Rohm BA3430S Datasheet HTML 8Page - Rohm BA3430S Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
273
Audio ICs
BA3430S / BA3430F / BA3430FS
FMeasurement circuit
FAudio signal amplification circuit
(1)
Input switch circuit
This circuit switches between head A and head B as
needed for the auto reverse function.
A 10k
Ω or less resistor must be connected to the input pin
to limit the input current.
Equivalent circuit schematic
The electrolytic capacitor between the input pin and
ground is for preventing switch noise. Although it is pos-
sible to prevent switch noise in the audio output without
this capacitor by using the mute circuit, switch noise in
the mute detection circuit will not be prevented and noise
will be recognized as a song.
Truth table


Numéro de pièce similaire - BA3430S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
   Stereo pre-amplifire with mute detection circuits for car audio systems
More results

Description similaire - BA3430S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
   Stereo pre-amplifire with mute detection circuits for car audio systems
logo
Panasonic Semiconductor
AN7311 PANASONIC-AN7311 Datasheet
105Kb / 3P
   Dual Pre-Amplifier for Car Stereo
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
Toshiba Semiconductor
TA2042F TOSHIBA-TA2042F Datasheet
527Kb / 15P
   DUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com