Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA15218N Fiches technique(PDF) 1 Page - Rohm

No de pièce BA15218N
Description  Dual high slew rate, low noise operational amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA15218N Fiches technique(HTML) 1 Page - Rohm

  BA15218N Datasheet HTML 1Page - Rohm BA15218N Datasheet HTML 2Page - Rohm BA15218N Datasheet HTML 3Page - Rohm BA15218N Datasheet HTML 4Page - Rohm BA15218N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Standaed ICs
Dual high slew rate, low noise
operational amplifier
BA15218 / BA15218F / BA15218N
The BA15218, BA15218F, and BA15218N are monolithic ICs with two built-in low-noise, low-distortion operational
amplifiers featuring internal phase compensation.
Either a dual or single power supply can be driven, and these products can be driven by a digital system 5V single
power supply.
The following packages are available: 8-pin DIP (BA15218), 8-pin SOP (BA15218F), and 8-pin SIP (BA15218N).
1) Low-voltage operation and single power supply drive
enabled.
(Single power supply: 4 to 32V, dual power supply:
±3 to ±16V)
2) Low noise level. (Vn = 1.0
µVrms typ. : RIAA)
3) High slew rate. (SR = 3V /
µs, GBW = 10MHz typ.)
4) Low offset voltage. (VIO = 0.5mV typ.)
5) High gain and low distortion. (GVO = 110dB, THD =
0.0015%)
6) Pin connections are the same as with standard dual
operational amplifiers, and outstanding characteris-
tics make these products compatible with the 4558
and 4560 models.
Block diagram
+
+
1
2
3
4
8
7
6
5
OUT1
–IN1
+ IN1
VEE
VCC
OUT2
–IN2
+ IN2
1ch
2ch
+
+
2ch
1ch
BA15218 / BA15218F
BA15218N
Features


Numéro de pièce similaire - BA15218N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BA15218N ETC2-BA15218N Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Description similaire - BA15218N

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
logo
Panasonic Semiconductor
AN6557 PANASONIC-AN6557 Datasheet
33Kb / 3P
   Dual Low Noise, High Slew Rate Operational Amplifiers
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
BA4510F ROHM-BA4510F Datasheet
43Kb / 4P
   Dual high slew rate operational amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com