Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1768S Fiches technique(PDF) 4 Page - Rohm

No de pièce 2SD1768S
Description  Power Transistor (80V, 1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SD1768S Fiches technique(HTML) 4 Page - Rohm

  2SD1768S Datasheet HTML 1Page - Rohm 2SD1768S Datasheet HTML 2Page - Rohm 2SD1768S Datasheet HTML 3Page - Rohm 2SD1768S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SD1898 / 2SD1733 / 2SD1768S / 2SD1863 / 2SD1381F
Transistors
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0.1 0.2 0.5 1 2
5 10 20 50100
500
200
1000
10
5
2
1
20m
10m
5m
2m
1m
50m
100m
200m
500m
Ic Max (Pulse)
Ta=25˚C
Single
non-repetitive
pulse
DC
Fig.7 Safe operating area
(2SD1863)
Ic Max (Pulse)
Ta=25˚C
Single
non-repetitive
pulse
DC
COLLECTOR TO EMITTER VOLTAGE : VCE (
V)
0.1 0.2 0.5 1
2
5 10 20 50100
500
200
1000
10
5
2
1
20m
10m
5m
2m
1m
50m
100m
200m
500m
Fig.8 Safe operating area
(2SD1898)
0.1 0.2 0.5 1 2
5 10 20 50 100
500
200
1000
10
5
2
1
20m
10m
5m
2m
1m
50m
100m
200m
500m
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.9 Safe operating area
(2SD1381F)
Ic Max (Pulse)
Ta=45˚C
Single
non-repetitive
pulse
DC


Numéro de pièce similaire - 2SD1768S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD1768S ROHM-2SD1768S Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
2SD1768S ROHM-2SD1768S Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
2SD1768S ROHM-2SD1768S Datasheet
177Kb / 4P
   Power Transistor (80V, 1A)
More results

Description similaire - 2SD1768S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
   Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Rohm
2SD1898 ROHM-2SD1898_09 Datasheet
177Kb / 4P
   Power Transistor (80V, 1A)
2SD1733TLR ROHM-2SD1733TLR Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SD1898 DGNJDZ-2SD1898 Datasheet
777Kb / 4P
   Power Transistor(80V,1A)
logo
Rohm
2SB1260 ROHM-2SB1260_11 Datasheet
146Kb / 3P
   Power Transistor (-80V, -1A)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com