Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5445YRU-REEL Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD5445YRU-REEL
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5445YRU-REEL Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD5445YRU-REEL Datasheet HTML 2Page - Analog Devices AD5445YRU-REEL Datasheet HTML 3Page - Analog Devices AD5445YRU-REEL Datasheet HTML 4Page - Analog Devices AD5445YRU-REEL Datasheet HTML 5Page - Analog Devices AD5445YRU-REEL Datasheet HTML 6Page - Analog Devices AD5445YRU-REEL Datasheet HTML 7Page - Analog Devices AD5445YRU-REEL Datasheet HTML 8Page - Analog Devices AD5445YRU-REEL Datasheet HTML 9Page - Analog Devices AD5445YRU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
–0.3 V to +7 V
VREF, RFB to GND
–12 V to +12 V
IOUT1, IOUT2 to GND
–0.3 V to +7 V
Logic Inputs and Output1
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Extended Industrial (Y Version)
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP θJA Thermal Impedance
150°C/W
20-Lead TSSOP θJA Thermal Impedance
143°C/W
20-Lead LFCSP θJA Thermal Impedance
135°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 Overvoltages at DBx, CS, and R/W, are clamped by internal diodes.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - AD5445YRU-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5445YRU AD-AD5445YRU Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ AD-AD5445YRUZ Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL AD-AD5445YRUZ-REEL Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL7 AD-AD5445YRUZ-REEL7 Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

Description similaire - AD5445YRU-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com