Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5445YRU Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5445YRU
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5445YRU Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5445YRU Datasheet HTML 6Page - Analog Devices AD5445YRU Datasheet HTML 7Page - Analog Devices AD5445YRU Datasheet HTML 8Page - Analog Devices AD5445YRU Datasheet HTML 9Page - Analog Devices AD5445YRU Datasheet HTML 10Page - Analog Devices AD5445YRU Datasheet HTML 11Page - Analog Devices AD5445YRU Datasheet HTML 12Page - Analog Devices AD5445YRU Datasheet HTML 13Page - Analog Devices AD5445YRU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 10 of 32
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
6
5
34
27
8
9
REFERENCE VOLTAGE
10
MIN INL
MAX INL
TA = 25°C
VDD = 5V
Figure 15. INL vs. Reference Voltage, AD5445
–0.70
–0.65
–0.60
–0.55
–0.50
–0.45
–0.40
6
5
34
2
789
10
REFERENCE VOLTAGE
MIN DNL
TA = 25°C
VDD = 5V
Figure 16. DNL vs. Reference Voltage, AD5445
–5
–4
–3
–2
–1
0
1
2
3
4
5
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VREF = 10V
VDD = 5V
VDD = 2.5V
Figure 17. Gain Error vs. Temperature
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VBIAS (V)
MAX INL
MAX DNL
MIN INL
MIN DNL
TA = 25°C
VREF = 0V
VDD = 3V
Figure 18. Linearity vs. VBIAS Voltage Applied to IOUT2, AD5445
–5
–4
–3
–2
–1
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VBIAS (V)
MAX INL
MAX DNL
MIN INL
MIN DNL
TA = 25°C
VREF = 2.5V
VDD = 3V
Figure 19. Linearity vs. VBIAS Voltage Applied to IOUT2, AD5445
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VBIAS (V)
GAIN ERROR
OFFSET ERROR
TA = 25°C
VREF = 0V
VDD = 3V AND 5V
Figure 20. Gain and Offset Errors vs. VBIAS Voltage Applied to IOUT2


Numéro de pièce similaire - AD5445YRU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5445YRU AD-AD5445YRU Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ AD-AD5445YRUZ Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL AD-AD5445YRUZ-REEL Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5445YRUZ-REEL7 AD-AD5445YRUZ-REEL7 Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

Description similaire - AD5445YRU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com