Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA-QFE32SA-M-Z-T-02F Fiches technique(PDF) 1 Page - Ironwood Electronics.

No de pièce CA-QFE32SA-M-Z-T-02F
Description  Carrier Adaptor (CA) 32 position QFP ZIF socket (mini-grid on 0.040" centers) to 32 position mini grid socket with test points.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-QFE32SA-M-Z-T-02F Fiches technique(HTML) 1 Page - Ironwood Electronics.

  CA-QFE32SA-M-Z-T-02F Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32
31
26
25
23 24
17 18
9
10
15
16
2 1
8 7
21.26mm
[0.837"]
3.19mm
[0.126"]
45.72mm
[1.800"]
1.27mm
[0.050"]
1.27mm [0.050"]
58.42mm [2.300"]
6.50mm [0.256"]
43.94mm [1.730"]
7.00mm
[0.276"]
32.51mm
[1.280"]
TOP VIEW
SIDE VIEW
Pin 1
Description: Carrier Adaptor (CA)
32 position QFP ZIF socket (mini-grid on 0.040" centers)
to 32 position mini grid socket with test points.
Status: Released
Drawing: E Smolentseva
Scale: 1.5:1
Rev: A
Date: 02/11/08
Modified:
File: CA-QFE032SA-M-Z-T-02F Dwg
CA-QFE32SA-M-Z-T-02F Drawing
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
© 2008 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
RoHS COMPLIANT
Test points: material- Phosphor Bronze; plating-
Sn over 1.27µm [50µ"] Ni. Gold flash on contact
end.
4
Substrate: 1.59mm ±0.18mm [0.0625" ±0.007"]
per IPC 4101/21, gold surface finish.
1
Substrate: 3.18mm ±0.18mm [0.125" ±0.007"]
FR4/G10 or equivalent high temp material.
Non-clad.
Pins: shellmaterial- Brass Alloy 360 1/2 hard;
finish- 0.25µm [10µ"] Au over 1.27µm [50µ"]
Ni (min.). Contact material- BeCu; finish
0.25µm [10µ"] Au over 2.54µm [100µ"] Ni
(min. ).
2
3
4
1
2
3


Numéro de pièce similaire - CA-QFE32SA-M-Z-T-02F

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com