Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14XXXBCP Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC14XXXBCP
Description  Industrial Time Base Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCP Fiches technique(HTML) 3 Page - Motorola, Inc

  MC14XXXBCP Datasheet HTML 1Page - Motorola, Inc MC14XXXBCP Datasheet HTML 2Page - Motorola, Inc MC14XXXBCP Datasheet HTML 3Page - Motorola, Inc MC14XXXBCP Datasheet HTML 4Page - Motorola, Inc MC14XXXBCP Datasheet HTML 5Page - Motorola, Inc MC14XXXBCP Datasheet HTML 6Page - Motorola, Inc MC14XXXBCP Datasheet HTML 7Page - Motorola, Inc MC14XXXBCP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14566B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time, Clock to Q3A
tPLH, tPHL = (1.7 ns/pF) CL + 1365 ns
tPLH, tPHL = (0.66 ns/pF) CL + 497 ns
tPLH, tPHL = (0.5 ns/pF) CL + 295 ns
tPLH,
tPHL
5.0
10
15
1450
530
320
4500
1500
1000
ns
Propagation Delay Time, Reset to Q3A
tPHL = (1.7 ns/pF) CL + 845 ns
tPHL = (0.66 ns/pF) CL + 282 ns
tPHL = (0.5 ns/pF) CL + 185 ns
tPHL
5.0
10
15
930
315
210
3000
1000
750
ns
Clock Pulse Width
tWH(cl)
5.0
10
15
1200
400
270
400
125
90
ns
Reset Pulse Width
tWH(R)
5.0
10
15
1200
400
270
400
125
90
ns
Clock Pulse Frequency
fcl
5.0
10
15
1.0
2.5
4.2
0.3
1.0
1.5
MHz
Clock Pulse Rise and Fall Time
tTLH,
tTHL
5.0
10
15
No Limit
Monostable Multivibrator Pulse Width
tWH(Qm)
5.0
10
15
1200
400
300
2800
900
600
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
Vin
VDD
ID
500
µF
CA
CB
RESET
÷5/÷6
B
A
CONTROL
Q0A
Q1A
Q2A
Q3A
Q0B
Q1B
Q2B
Qm
VSS
CL
CL
CL
CL
CL
CL
CL
CL
20 ns
20 ns
VDD
VSS
90%
50%
10%
Vin
VARIABLE
WIDTH


Numéro de pièce similaire - MC14XXXBCP

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCP MOTOROLA-MC14XXXBCP Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Description similaire - MC14XXXBCP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
HCC4566B STMICROELECTRONICS-HCC4566B Datasheet
202Kb / 6P
   INDUSTRIAL TIME-BASE GENERATOR
logo
Hitachi Semiconductor
HD14566B HITACHI-HD14566B Datasheet
76Kb / 5P
   Industrial Time Base Generator
logo
List of Unclassifed Man...
1823A ETC2-1823A Datasheet
950Kb / 1P
   짹1PPM Time base stability
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
   C-MOS TIME CODE GENERATOR / READER
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay,
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
   One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com