Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4541BPWRE4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce CD4541BPWRE4
Description  CMOS Programmable Timer High Voltage Types (20V Rating)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD4541BPWRE4 Fiches technique(HTML) 1 Page - Texas Instruments

  CD4541BPWRE4 Datasheet HTML 1Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 2Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 3Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 4Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 5Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 6Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 7Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 8Page - Texas Instruments CD4541BPWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS085E – Revised September 2003
CD4541B
CMOS Programmable Timer
High Voltage Types (20V Rating)
Features
• Low Symmetrical Output Resistance, Typically 100
Ω
at VDD = 15V
• Built-In Low-Power RC Oscillator
• Oscillator Frequency Range . . . . . . . . . . DC to 100kHz
• External Clock (Applied to Pin 3) can be Used Instead
of Oscillator
• Operates as 2N Frequency Divider or as a Single-
Transition Timer
•Q/Q Select Provides Output Logic Level Flexibility
• AUTO or MASTER RESET Disables Oscillator During
Reset to Reduce Power Dissipation
• Operates With Very Slow Clock Rise and Fall Times
• Capable of Driving Six Low Power TTL Loads, Three
Low-Power Schottky Loads, or Six HTL Loads Over
the Rated Temperature Range
• Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V, and 15V Parametric Ratings
• Meets All Requirements of JEDEC Standard No. 13B,
“Standard Specifications for Description of ‘B’ Series
CMOS Devices”
Description
CD4541B programmable timer consists of a 16-stage binary
counter, an oscillator that is controlled by external R-C compo-
nents (2 resistors and a capacitor), an automatic power-on
reset circuit, and output control logic. The counter increments
on positive-edge clock transitions and can also be reset via the
MASTER RESET input.
Pinout
CD4541B
(CERDIP, PDIP, SOIC, SOP, TSSOP)
TOP VIEW
The output from this timer is the Q or Q output from the 8th,
10th, 13th, or 16th counter stage. The desired stage is chosen
using time-select inputs A and B (see Frequency Select Table).
The output is available in either of two modes selectable via the
MODE input, pin 10 (see Truth Table). When this MODE input is
a logic “1”, the output will be a continuous square wave having
a frequency equal to the oscillator frequency divided by 2N.
With the MODE input set to logic “0” and after a MASTER
RESET is initiated, the output (assuming Q output has been
selected) changes from a low to a high state after 2N-1 counts
and remains in that state until another MASTER RESET pulse
is applied or the MODE input is set to a logic “1”.
Timing is initialized by setting the AUTO RESET input (pin 5) to
logic “0” and turning power on. If pin 5 is set to logic “1”, the
AUTO RESET circuit is disabled and counting will not start until
after a positive MASTER RESET pulse is applied and returns
to a low level. The AUTO RESET consumes an appreciable
amount of power and should not be used if low-power operation
is desired. For reliable automatic power-on reset, VDD should
be greater than 5V.
The RC oscillator, shown in Figure 2, oscillates with a
frequency determined by the RC network and is calculated
using:
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
RTC
CTC
RS
NC
AUTO RESET
MASTER RESET
VSS
VDD
B
A
NC
MODE
Q/Q SELECT
OUTPUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD4541BF3A
-55 to 125
14 Ld CERDIP
CD4541BE
-55 to 125
14 Ld PDIP
CD4541BM
-55 to 125
14 Ld SOIC
CD4541BMT
-55 to 125
14 Ld SOIC
CD4541BM96
-55 to 125
14 Ld SOIC
CD4541BNSR
-55 to 125
14 Ld SOP
CD4541BPW
-55 to 125
14 Ld TSSOP
CD4541BPWR
-55 to 125
14 Ld TSSOP
f =
1
2.3 RTCCTC
-----------------------------------
Where f is between 1kHz
and 100kHz
and RS 10k
≥Ω and 2RTC
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
[ /Title
(CD45
41B)
/Sub-
ject
(CMO
S Pro-
gram-
mable
Timer
High
Volt-
age
Types
(20V
Rat-
ing))
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
CD400
0,
metal
gate,
CMOS
, pdip,
cerdip,
mil,
mili-
tary,
mil


Numéro de pièce similaire - CD4541BPWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4541BPWRE4 TI-CD4541BPWRE4 Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
More results

Description similaire - CD4541BPWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4541B TI-CD4541B Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Harris Corporation
CD4541B HARRIS-CD4541B Datasheet
78Kb / 8P
   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Texas Instruments
CD4541B TI-CD4541B_10 Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com