Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVT16501DL Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74ALVT16501DL
Description  18-bit universal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501DL Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16501DL Datasheet HTML 3Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 4Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 5Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 9Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 10Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
7 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
h = HIGH voltage level one setup time prior to the enable or clock transition;
L = LOW voltage level;
I = LOW voltage level one setup time prior to the enable or clock transition;
NC = no change;
X = don’t care;
Z = high-impedance OFF-state;
↓ = HIGH-to-LOW enable or clock transition;
↑ = LOW-to-HIGH enable or clock transition.
VCC
50
voltage supply
B2
51
data input or output (B side)
B1
52
data input or output (B side)
GND
53
ground (0 V)
B0
54
data input or output (B side)
CPAB
55
A-to-B clock input (active rising edge)
GND
56
ground (0 V)
Table 3:
Pin description …continued
Symbol
Pin
Description
Table 4:
Function table [1]
Operating mode
Control
Input
Internal
registers
Output
OEAB
LEAB
CPAB
An
Bn
OEBA
LEBA
CPBA
Bn
An
Disabled
L
H
XXXZ
Disabled, latch data
L
Xh
H
Z
lL
Z
Disabled, hold data
L
L
H or L
X
NC
Z
Disabled, clock data
L
L
hH
Z
lL
Z
Transparent
H
H
X
H
H
H
LLL
Latch data and display
H
Xh
H
H
lL
L
Clock data and display
H
L
hH
H
lL
L
Hold data and display
H
L
H or L
X
H
H
XL
L


Numéro de pièce similaire - 74ALVT16501DL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16501DL NEXPERIA-74ALVT16501DL Datasheet
231Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 04 - 8 August 2005
More results

Description similaire - 74ALVT16501DL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com