Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA45-AEKVFZ05 Fiches technique(PDF) 6 Page - Schurter Inc.

No de pièce TA45-AEKVFZ05
Description  CIRCUIT BREAKERS FOR EQUIPMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-AEKVFZ05 Fiches technique(HTML) 6 Page - Schurter Inc.

Back Button TA45-AEKVFZ05 Datasheet HTML 2Page - Schurter Inc. TA45-AEKVFZ05 Datasheet HTML 3Page - Schurter Inc. TA45-AEKVFZ05 Datasheet HTML 4Page - Schurter Inc. TA45-AEKVFZ05 Datasheet HTML 5Page - Schurter Inc. TA45-AEKVFZ05 Datasheet HTML 6Page - Schurter Inc. TA45-AEKVFZ05 Datasheet HTML 7Page - Schurter Inc. TA45-AEKVFZ05 Datasheet HTML 8Page - Schurter Inc. TA45-AEKVFZ05 Datasheet HTML 9Page - Schurter Inc. TA45-AEKVFZ05 Datasheet HTML 10Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.schurter.com
75
CIRCUIT BREAKERS FOR EQUIPMENT, 2 POLE, PUSH BUTTON
GERÄTESCHUTZSCHALTER, 2POLIG, DRUCKTASTENBETÄTIGT
TA45
83
AHN
AHW
84
AJN
AJW
ABN
ABW
AEN
AEW
77
78
83
AHP
AHX
84
AJP
AJX
ABP
ABX
AEP
AEX
77
78
86
ALN
ALW
87
APN
APW
AUN
AUW
AXN
AXW
80
81
86
ALP
ALX
87
APP
APX
AUP
AUX
AXP
AXX
80
81
Accessories see page 76 / Zubehör siehe Seite 76
P2
P1
6
4
3
5
P2
P1 11 10
4
3
12
12
5
6
4
3
P2
P1 11 10
Without release / lock-out latch: code C0
Ohne Auslöser / Schaltsperre: Code C0
Undervoltage release
Unterspannungs-Auslöser
Remote trip release
Fernauslöser
Mechanical lock-out latch
Mechanische Schaltsperre
P2
P1
U<
P2
P1
b
U<
P2
P1
b a
U<
P2
P1
c
P2
P1
U*
E*
Z
A*
Code
Rated voltage Un
Nennspannung Un
AC (V)
S0
2
3
4
6
7
240
230
120
AC / DC (V)
48
24
8
12
9
5
1 pole thermal overload protection
1poliger thermischer Überstromschutz
2 pole thermal overload protection
2poliger thermischer Überstromschutz
4
3
P2
P1
83
ALM
ALV
84
APM
APV
AUM
AUV
AXM
AXV
77
78
P2
P1 11 10
12
5
6
3
86
ALL
ALU
87
APL
APU
AUL
AUU
AXL
AXU
80
81
P2
P1 11 10
6
3
12
83
AHM
AHV
84
AJM
AJV
ABM
ABV
AEM
AEV
77
78
P2
P1
6
5
3
83
AHL
AHU
84
AJL
AJU
ABL
ABU
AEL
AEU
77
78
P2
P1
6
3
* Release U, E and A in combination with screw clamp terminals on request / Auslöser U, E und A in Kombination mit Schraubanschlüssen auf Anfrage
with auxiliary contact
mit Hilfskontakt
Detail see pages 52 – 54
Detail siehe Seiten 52 – 54


Numéro de pièce similaire - TA45-AEKVFZ05

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
TA45-ABC6F100C0 SCHURTER-TA45-ABC6F100C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F110C0 SCHURTER-TA45-ABC6F110C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F120C0 SCHURTER-TA45-ABC6F120C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F130C0 SCHURTER-TA45-ABC6F130C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F140C0 SCHURTER-TA45-ABC6F140C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
More results

Description similaire - TA45-AEKVFZ05

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
   Automotive Circuit Breakers
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com