Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA45-AXKUFZ05 Fiches technique(PDF) 4 Page - Schurter Inc.

No de pièce TA45-AXKUFZ05
Description  CIRCUIT BREAKERS FOR EQUIPMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-AXKUFZ05 Fiches technique(HTML) 4 Page - Schurter Inc.

  TA45-AXKUFZ05 Datasheet HTML 1Page - Schurter Inc. TA45-AXKUFZ05 Datasheet HTML 2Page - Schurter Inc. TA45-AXKUFZ05 Datasheet HTML 3Page - Schurter Inc. TA45-AXKUFZ05 Datasheet HTML 4Page - Schurter Inc. TA45-AXKUFZ05 Datasheet HTML 5Page - Schurter Inc. TA45-AXKUFZ05 Datasheet HTML 6Page - Schurter Inc. TA45-AXKUFZ05 Datasheet HTML 7Page - Schurter Inc. TA45-AXKUFZ05 Datasheet HTML 8Page - Schurter Inc. TA45-AXKUFZ05 Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.schurter.com
73
CIRCUIT BREAKERS FOR EQUIPMENT, 2 POLE, PUSH BUTTON
GERÄTESCHUTZSCHALTER, 2POLIG, DRUCKTASTENBETÄTIGT
TA45
Approvals / Approbationen
E
V
D
Rated current range
Rated voltage
Rated voltage
Nennstrombereich
Nennspannung
Nennspannung
AC
AC
DC
UL
UL 1077
0,05 – 20 A
240 V
60 V
CSA
CSA C22.2 235
0,05 – 20 A
240 V
60 V
VDE
EN 60934
0,05 – 20 A
240 V
60 V
SEMKO
EN 60934
0,05 – 20 A
250 V
60 V
SEV
EN 60934
0,05 – 20 A
240 V
60 V
Technical data (continued) / Technische Daten (Fortsetzung)
Auxiliary contact (changeover) / Hilfskontakt (Wechsler)
Rated voltage
DC 28 V
DC 60 V
AC 240 V
Nennspannung
DC 28 V
DC 60 V
AC 240 V
Rated current
Max. 10 A
max. 2 A
max. 2 A
resistive load
resistive load
cos
ϕ 0,7
Max. Nennstrom
Max. 10 A
max. 2 A
max. 2 A
ohmsche Last
ohmsche Last
cos
ϕ 0,7
Undervoltage release / Unterspannungs-Auslöser
Max. operating voltage
1,1 Ue
Max. Betriebsspannung
1,1 Ue
Rated operating voltage Ue
5 V
12 V
24 V
48 V
120 V
240 V
Nennbetriebsspannung Ue
5 V
12 V
24 V
48 V
120 V
240 V
Current consumption (±10%)
10,5 mA
16,5 mA
17,0 mA
3,2 mA
3,7 mA
3,1 mA
Stromaufnahme(±10%)
10,5 mA
16,5 mA
17,0 mA
3,2 mA
3,7 mA
3,1 mA
Highest reset level
0,85 Ue
Höchste Wiedereinschaltspannung
0,85 Ue
Lowest trip level
0,20 Ue
Tiefste Abfallspannung
0,20 Ue
Trip delay
20 ms – 50 ms
Ausschaltverzug
20 ms – 50 ms
Impuls withstand voltage (1,2 / 50 µs)
≥4 kV
Stoss-Spannungsfestigkeit (1,2 / 50 µs)
≥4 kV
Remote trip / Fern-Auslöser
Permissible impuls duration
of the make contact (no)
(Between terminal C and P1)
unlimited
Zulässige Impulsdauer
des Schliesskontaktes
(Zwischen den Anschlüssen C und P1)
unbegrenzt
Electrical load
of the make contact (no)
Current max. 12 mA / power max. 1,1 W
Elektrische Belastung
des externen Schliesskontaktes
Strom max. 12 mA / Leistung max. 1,1 W


Numéro de pièce similaire - TA45-AXKUFZ05

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
TA45-ABC6F100C0 SCHURTER-TA45-ABC6F100C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F110C0 SCHURTER-TA45-ABC6F110C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F120C0 SCHURTER-TA45-ABC6F120C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F130C0 SCHURTER-TA45-ABC6F130C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F140C0 SCHURTER-TA45-ABC6F140C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
More results

Description similaire - TA45-AXKUFZ05

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
   Automotive Circuit Breakers
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com