Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KD14.1101.105 Fiches technique(PDF) 2 Page - Schurter Inc.

No de pièce KD14.1101.105
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KD14.1101.105 Fiches technique(HTML) 2 Page - Schurter Inc.

  KD14.1101.105 Datasheet HTML 1Page - Schurter Inc. KD14.1101.105 Datasheet HTML 2Page - Schurter Inc. KD14.1101.105 Datasheet HTML 3Page - Schurter Inc. KD14.1101.105 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Power entry modules without line filter
KD
www.schurter.com/pg05
Connectors
Dimensions
83.5mm
Screw on PCB mounting
30
55
4.8x0.8
R 4.5
R 6
R 3.1
18
27.5
27.2
27.5
+0.2
0
R 3
0
-0.2
2.2
2
M3/ø 3.6
Snap-in mounting
30
55
4.8x0.8
R 4.5
R 3.1
18
27.5
27.2
S
27.5
+0.2
0
R 3
0
-0.2
2.2
2
±0.1
Diagrams
without voltage selector
1-pole
without voltage selector
2-pole
with voltage selector
1-pole
with voltage selector
2-pole
Derating Curves
Fuses
5 x 20 mm (1-pole)
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Fuses
5 x 20 mm (2-pole, per pole)
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
Fuses
6.3 x 32 mm (1-pole)
0
20
40
60
80
100
1.5
1.0
0.5
0.0
2.5
3.15
2.0
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Fuses
6.3 x 32 mm (2-pole, per pole)
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C


Numéro de pièce similaire - KD14.1101.105

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
KD14.1101.105 SCHURTER-KD14.1101.105 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
More results

Description similaire - KD14.1101.105

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG16.5101.105 SCHURTER-KG16.5101.105 Datasheet
582Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG156199151 SCHURTER-KG156199151 Datasheet
493Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD114199151 SCHURTER-KD114199151 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KG-BOWDENCABLE SCHURTER-KG-BOWDENCABLE Datasheet
424Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com