Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMBC-0967-1060 Fiches technique(PDF) 1 Page - Schurter Inc.

No de pièce FMBC-0967-1060
Description  Compact 2-stage bookform filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-0967-1060 Fiches technique(HTML) 1 Page - Schurter Inc.

  FMBC-0967-1060 Datasheet HTML 1Page - Schurter Inc. FMBC-0967-1060 Datasheet HTML 2Page - Schurter Inc. FMBC-0967-1060 Datasheet HTML 3Page - Schurter Inc. FMBC-0967-1060 Datasheet HTML 4Page - Schurter Inc. FMBC-0967-1060 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

3-Phase Filters
FMBC BOOK STYLE
www.schurter.com/pg80
EMC Products
Compact 2-stage bookform filter
Description
-Verycompactandslimfilterdesign
-Veryhighsymmetricalandasymmetricalattenuationloss
-Inthefrequencyrangefrom10kHzupto300MHz
Standards
-IEC60939
-EN133200
Approvals
-VDELicenseNumber:40004666
Applications
-Voltagerating480VACforworldwideacceptance
-Especiallydesignedforindustrialapplicationssuchas:FrequencyCon-
verters,StepperMotorDrives,UPS-Systems,Inverters
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
RatedCurrent
10-115A@Ta40°C
Ratedvoltage
480VAC50/60Hz
Approvalfor
10-115A@Ta40°C/480VAC;50Hz
OverloadCurrent
1.5xIr
LeakageCurrent
industrial<5mA(440V/50Hz)
DielectricStrengthfor480VAC 2.25kVDCbetweenL-L
3kVDCbetweenL-PE
Testvoltage(2sec)
NumberofFilterStages
2
Weight
1.9-7.25kg
Material:Housing
Metal
SealingCompound
UL94V-0
Mounting
Screw-onmountingonchassis,from
top
Terminal
Screwclamps/flexiblewires
OperatingTemperature[°C]
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
DegreeofProtection
IP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
MTBF
>200'000hacc.toMIL-HB-217F
Dimensions
Case 58
2)
1)
290
+1
-2
55 max.
(11)
(11)
2...2.5 Nm
276 max.
0.6...0.8 Nm
305 max.
305 max.
(20)
(20)
1) Line
2) Load


Numéro de pièce similaire - FMBC-0967-1060

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
FMBC-0927 SCHURTER-FMBC-0927 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0931 SCHURTER-FMBC-0931 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0932 SCHURTER-FMBC-0932 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0937 SCHURTER-FMBC-0937 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0938 SCHURTER-FMBC-0938 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
More results

Description similaire - FMBC-0967-1060

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
EMC TEC-EMC Datasheet
242Kb / 3P
   Compact dual stage filter series
logo
Schurter Inc.
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
   AC Filter 2-Stage
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMBC-0994-1000 SCHURTER-FMBC-0994-1000 Datasheet
688Kb / 4P
   Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
FMBB SCHURTER-FMBB Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
   AC Filter 2-Stage, Broad Band Attenuation
logo
COSEL CO., LTD.
NBH COSEL-NBH Datasheet
449Kb / 2P
   Single phase input type (2-Stage filter)
July 21, 2022
logo
DENSEI-LAMBDA
MB1206 LAMBDA-MB1206 Datasheet
256Kb / 4P
   Band wide:150kHz ~ 30MHz, 2 stage filter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com