Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5431.8151101 Fiches technique(PDF) 3 Page - Schurter Inc.

No de pièce 5431.8151101
Description  IEC Appliance Inlet C14 Modular Assembling Options
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5431.8151101 Fiches technique(HTML) 3 Page - Schurter Inc.

  5431.8151101 Datasheet HTML 1Page - Schurter Inc. 5431.8151101 Datasheet HTML 2Page - Schurter Inc. 5431.8151101 Datasheet HTML 3Page - Schurter Inc. 5431.8151101 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power Entry Modules with Line Filter
Felcom 54
www.schurter.com/pg06
EMC Products
Diagrams
5411
1) Line
2) Load 1
5421
1) Load 2
2) Load 1
5423
1) Load 2
2) Load 1
5424
1) Line
2) Load 1
5431
1) Load 2
2) Load 1
5432
1) Load 2
2) Load 1
Derating Curves
1-pole
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
2-pole
0
20
40
60
80
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C
Ordering instructions
54 XX. X X XX. XX X
Base model
Type of line filter
1 = standard
3 = medical
“Snap-in” panel thickness
10 = 1,0 mm
12 = 1,2 mm
15 = 1,5 mm
20 = 2,0 mm
25 = 2,5 mm
30 = 3,0 mm
Connection
51 = solder terminals 3,5 x 0,8 mm
53 = quick connect terminals 6,3 x 0,8 mm
Fuseholder 5 x 20 mm
0 = without fuseholder
1 = 1-pole
2 = 2-pole
Line filter
1 = 1 Amp.
2 = 2 Amp.
4 = 4 Amp.
6 = 6 Amp.
8 = 8 Amp.
9 = 10 Amp.
Module combination
11 = Appliance inlet, fuseholder
21 = Appliance inlet, appliance outlet
23 = Appliance inlet, fuseholder, appliance outlet
24 = Appliance inlet, fuseholder, switch
31 = Appliance inlet, appliance outlet, switch
32 = Appliance inlet, fuseholder, appliance outlet, switch
Packaging unit
10Pcs
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 11
47
2.2
-
2
Standard Version
2 x 4
47
2.2
-
4
Standard Version
2 x 1.6
47
2.2
-
6
Standard Version
2 x 0.7
47
2.2
-
8
Standard Version
2 x 0.6
47
2.2
-
10
Standard Version
2 x 0.4
47
2.2
-
1
Medical Version (M5)
2 x 11
47
-
1
2
Medical Version (M5)
2 x 4
47
-
1
4
Medical Version (M5)
2 x 1.6
47
-
1
6
Medical Version (M5)
2 x 0.7
47
-
1
8
Medical Version (M5)
2 x 0.6
47
-
1
10
Medical Version (M5)
2 x 0.4
47
-
1


Numéro de pièce similaire - 5431.8151101

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
54310-1 MACOM-54310-1 Datasheet
258Kb / 30P
   Standard Terminals and Splices
logo
PHOENIX CONTACT
5431000 PHOENIX-5431000 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF- 3 GY
5431013 PHOENIX-5431013 Datasheet
73Kb / 6P
   Printed-circuit board connector - BCH-350VF- 4
5431026 PHOENIX-5431026 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF- 5 GY
5431039 PHOENIX-5431039 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF- 6 GY
More results

Description similaire - 5431.8151101

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
FELCOM54 SCHURTER-FELCOM54_V01 Datasheet
570Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
04.01.2022
FELCOM54 SCHURTER-FELCOM54 Datasheet
560Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
6421005110 SCHURTER-6421005110 Datasheet
662Kb / 5P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_18 Datasheet
530Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_V01 Datasheet
533Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
08.12.2021
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com