Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHCV245FK Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC74VHCV245FK
Description  Octal Schmitt Bus Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV245FK Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC74VHCV245FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV245FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV245FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV245FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV245FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV245FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV245FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV245FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV245FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHCV245FT/FK
2010-07-09
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Positive threshold voltage
VP
1.8
2.3
3.0
4.5
5.5
1.65
1.85
2.20
3.15
3.85
1.65
1.85
2.20
3.15
3.85
Negative threshold voltage
VN
1.8
2.3
3.0
4.5
5.5
0.15
0.45
0.90
1.35
1.65
0.15
0.45
0.90
1.35
1.65
V
Hysteresis voltage
VH
1.8
2.3
3.0
4.5
5.5
0.15
0.20
0.30
0.40
0.50
1.05
1.10
1.20
1.40
1.60
0.15
0.20
0.30
0.40
0.50
1.05
1.10
1.20
1.40
1.60
V
IOH = −50 μA
1.8
3.0
4.5
1.7
2.9
4.4
1.8
3.0
4.5
1.7
2.9
4.4
High-level output voltage
VOH
VIN
= VIH or
VIL
IOH = −8 mA
IOH = −16 mA
3.0
4.5
2.58
3.94
2.48
3.80
IOL = 50 μA
1.8
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output voltage
VOL
VIN
= VIH or
VIL
IOL = 8 mA
IOL = 16 mA
3.0
4.5
0.36
0.44
0.44
0.55
V
3-state output off-state
current
IOZ
VIN = VIH or VIL
VOUT = 0 to 5.5V
1.8 to
5.5
±0.5
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
0.5
5.0
μA
Input leakage current
IIN
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA


Numéro de pièce similaire - TC74VHCV245FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV240FT TOSHIBA-TC74VHCV240FT Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV244FK TOSHIBA-TC74VHCV244FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV244FT TOSHIBA-TC74VHCV244FT Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
More results

Description similaire - TC74VHCV245FK

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7245 PHILIPS-74HC7245 Datasheet
42Kb / 7P
   Octal bus Schmitt-trigger transceiver; 3-state
December 1990
logo
Aeroflex Circuit Techno...
UT54ACS245S AEROFLEX-UT54ACS245S Datasheet
245Kb / 10P
   Schmitt Octal Bus Transceiver with Three-State Outputs
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV540FK TOSHIBA-TC74VHCV540FK Datasheet
201Kb / 9P
   Octal Schmitt Bus Buffer
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com