Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHCV17FT Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74VHCV17FT
Description  Hex Schmitt Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV17FT Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCV17FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV17FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV17FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV17FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV17FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV17FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV17FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV17FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74VHCV17FT/FK
2010-07-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCV17FT,TC74VHCV17FK
Hex Schmitt Buffer
The TC74VHCV17 is an advanced high speed CMOS SCHMITT
BUFFER fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power
dissipation.
Input pin have hysteresis between the positive-going and
negative-going thresholds. Thus the TC74VHCV17 is capable of
squaring up transitions of slowly changing input signals such as
line receivers.
Input protection and output circuit ensure that 0 to 5.5 V can be
applied to the input and output (Note) pins without regard to the
supply voltage. These structure prevents device destruction due
to mismatched supply and input/output voltages such as battery
back up, etc.
Note:
Vcc=0V.
Features
• High speed: tpd = 4.5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• Wide operating voltage range: VCC (opr) = 1.8 V to 5.5 V
• Ouput current: |IOH|/IOL = 16 mA (min) (VCC = 4.5 V)
• Available in TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
TC74VHCV17FT
TC74VHCV17FK
Weight
TSSOP14-P-0044-0.65A
: 0.06 g ( typ.)
VSSOP14-P-0030-0.50
: 0.02 g ( typ.)


Numéro de pièce similaire - TC74VHCV17FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCV14FK TOSHIBA-TC74VHCV14FK Datasheet
183Kb / 8P
   Hex Schmitt Inverter
TC74VHCV14FT TOSHIBA-TC74VHCV14FT Datasheet
183Kb / 8P
   Hex Schmitt Inverter
More results

Description similaire - TC74VHCV17FT

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U74LVC17A UTC-U74LVC17A_V01 Datasheet
199Kb / 5P
   HEX SCHMITT-TRIGGER BUFFER
U74LVC17A UTC-U74LVC17A Datasheet
159Kb / 5P
   HEX SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AHCT17A NEXPERIA-74AHCT17A Datasheet
181Kb / 13P
   Hex buffer Schmitt trigger
logo
Texas Instruments
SN74AUC17 TI-SN74AUC17 Datasheet
179Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74LV17A NEXPERIA-74LV17A Datasheet
189Kb / 14P
   Hex buffer Schmitt trigger
74AHCV17A NEXPERIA-74AHCV17A Datasheet
739Kb / 14P
   Hex buffer Schmitt trigger
logo
Unisonic Technologies
U74LVC17A UTC-U74LVC17A_15 Datasheet
171Kb / 6P
   HEX SCHMITT-TRIGGER BUFFER
logo
Toshiba Semiconductor
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
logo
Texas Instruments
SN74LV6T17 TI-SN74LV6T17 Datasheet
946Kb / 22P
[Old version datasheet]   SN74LV6T17 Hex Schmitt-Trigger Buffer with Integrated Translation
JUNE 2023
SN74LV6T17 TI1-SN74LV6T17_V01 Datasheet
947Kb / 22P
[Old version datasheet]   SN74LV6T17 Hex Schmitt-Trigger Buffer with Integrated Translation
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8