Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK6E2R3-40C Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce BUK6E2R3-40C
Description  N-channel TrenchMOS intermediate level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK6E2R3-40C Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button BUK6E2R3-40C Datasheet HTML 5Page - NXP Semiconductors BUK6E2R3-40C Datasheet HTML 6Page - NXP Semiconductors BUK6E2R3-40C Datasheet HTML 7Page - NXP Semiconductors BUK6E2R3-40C Datasheet HTML 8Page - NXP Semiconductors BUK6E2R3-40C Datasheet HTML 9Page - NXP Semiconductors BUK6E2R3-40C Datasheet HTML 10Page - NXP Semiconductors BUK6E2R3-40C Datasheet HTML 11Page - NXP Semiconductors BUK6E2R3-40C Datasheet HTML 12Page - NXP Semiconductors BUK6E2R3-40C Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BUK6E2R3-40C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 18 August 2010
9 of 15
NXP Semiconductors
BUK6E2R3-40C
N-channel TrenchMOS intermediate level FET
Fig 13. Gate charge waveform definitions
Fig 14. Gate-source voltage as a function of gate
charge; typical values
Fig 15. Source current as a function of source-drain voltage; typical values
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003aae254
0
2
4
6
8
10
0
100
200
300
QG (nC)
VGS
(V)
VDS = 32V
14V
003aae255
0
20
40
60
80
100
0
0.3
0.6
0.9
1.2
VSD(V)
IS
(A)
Tj = 25 °C
Tj = 175 °C


Numéro de pièce similaire - BUK6E2R3-40C

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BUK6E2R3-40C NEXPERIA-BUK6E2R3-40C Datasheet
947Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 18 August 2010
logo
NXP Semiconductors
BUK6E2R3-40C PHILIPS-BUK6E2R3-40C_15 Datasheet
399Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1-18 August 2010
More results

Description similaire - BUK6E2R3-40C

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com