Moteur de recherche de fiches techniques de composants électroniques |
|
ULN2803ADW Fiches technique(PDF) 5 Page - Texas Instruments |
|
ULN2803ADW Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 12 page ULN2803A DARLINGTON TRANSISTOR ARRAY SLRS049E − FEBRUARY1997 − REVISED JULY 2006 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION Figure 7. VF Test Circuit Open VF IF NOTES: A. The pulse generator has the following characteristics: PRR = 1 MHz, ZO = 50 Ω. B. CL includes probe and jig capacitance. C. VIH = 3 V Figure 8. Propagation Delay Times Pulse Generator (see Note A) Input Open VS = 50 V RL = 163 Ω CL = 15 pF (see Note B) Output tPHL tPLH 0.5 µs <5 ns <10 ns 90% 50% 10% 10% 90% 50% 50% 50% VIH (see Note C) Input Output 0 Test Circuit Voltage Waveforms VOH |
Numéro de pièce similaire - ULN2803ADW |
|
Description similaire - ULN2803ADW |