Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C2550RHBRG4 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TL16C2550RHBRG4
Description  1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL16C2550RHBRG4 Fiches technique(HTML) 5 Page - Texas Instruments

  TL16C2550RHBRG4 Datasheet HTML 1Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 2Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 3Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 4Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 5Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 6Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 7Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 8Page - Texas Instruments TL16C2550RHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
www.ti.com
Detailed Description
Autoflow Control (see Figure 1)
TL16C2550
SLWS161D – JUNE 2005 – REVISED OCTOBER 2006
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
PFB NO.
FN NO.
RHB NO.
Ring indicator (active low). These inputs are associated with individual
UART channels A and B. A logic low on these pins indicates the modem
has received a ringing signal from the telephone line. A low to high
RIA, RIB
41, 21
43, 26
I
transition on these input pins generates a modem status interrupt, if
enabled. The state of these inputs is reflected in the modem status register
(MSR)
Request to send (active low). These outputs are associated with individual
UART channels A and B. A low on the RTS pin indicates the transmitter
has data ready and waiting to send. Writing a 1 in the modem control
RTSA,
register (MCR bit 1) sets these pins to low, indicating data is available.
33, 22
36, 27
23, 15
O
RTSB
After a reset, these pins are set to high. These pins only affects the
transmit and receive operation when auto RTS function is enabled through
the enhanced feature register (EFR) bit 6, for hardware flow control
operation.
Receive data input. These inputs are associated with individual serial
channel data to the 2550. During the local loopback mode, these RX input
RXA, RXB
5, 4
11, 10
4, 3
I
pins are disabled and TX data is internally connected to the UART RX input
internally.
Receive ready (active low). RXRDY A and B goes low when the trigger
RXRDYA,
31, 18
34, 23
O
level has been reached or a timeout interrupt occurs. They go high when
RXRDYB
the RX FIFO is empty or there is an error in RX FIFO.
Transmit data. These outputs are associated with individual serial transmit
TXA, TXB
7, 8
13, 14
5, 6
O
channel data from the 2550. During the local loopback mode, the TX input
pin is disabled and TX data is internally connected to the UART RX input.
Transmit ready (active low). TXRDY A and B go low when there are at least
TXRDYA,
43, 6
1, 12
O
a trigger level numbers of spaces available. They go high when the TX
TXRDYB
buffer is full.
VCC
42
44
26
I
Power supply inputs.
Crystal or external clock input. XTAL1 functions as a crystal input or as an
external clock input. A crystal can be connected between XTAL1 and
XTAL1
13
18
10
I
XTAL2 to form an internal oscillator circuit (see Figure 14). Alternatively, an
external clock can be connected to XTAL1 to provide custom data rates.
Output of the crystal oscillator or buffered clock. See also XTAL1. XTAL2 is
XTAL2
14
19
11
O
used as a crystal oscillator output or buffered a clock output.
Autoflow control is comprised of auto-CTS and auto-RTS. With auto-CTS, the CTS input must be active before
the transmitter FIFO can emit data. With auto-RTS, RTS becomes active when the receiver needs more data
and notifies the sending serial device. When RTS is connected to CTS, data transmission does not occur unless
the receiver FIFO has space for the data; thus, overrun errors are eliminated using ACE1 and ACE2 from a
TLC16C2550 with the autoflow control enabled. If not, overrun errors occur when the transmit data rate exceeds
the receiver FIFO read latency.
5
Submit Documentation Feedback


Numéro de pièce similaire - TL16C2550RHBRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI1-TL16C2550 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFB TI-TL16C2550IPFB Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBR TI-TL16C2550IPFBR Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

Description similaire - TL16C2550RHBRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI-TL16C2752 Datasheet
340Kb / 25P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com