Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12022MIBZ-T Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL12022MIBZ-T
Description  Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MIBZ-T Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL12022MIBZ-T Datasheet HTML 2Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 9Page - Intersil Corporation ISL12022MIBZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
FN6668.7
June 4, 2010
IRQ/FOUT (OPEN DRAIN OUTPUT)
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
DC Operating Characteristics RTC Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise
stated. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7) UNITS NOTES
Power-Down Timing
Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise
stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7) UNITS
NOTES
VDDSR-
VDD Negative Slew Rate
10
V/ms
12
I2C Interface Specifications Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C,
unless otherwise specified. Boldface limits apply over the operating temperature
range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7) UNITS
NOTES
VIL
SDA and SCL Input Buffer
LOW Voltage
-0.3
0.3 x
VDD
V
VIH
SDA and SCL Input Buffer
HIGH Voltage
0.7 x VDD
VDD +
0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x
VDD
V
13, 14
VOL
SDA Output Buffer LOW
Voltage, Sinking 3mA
VDD = 5V, IOL = 3mA
0
0.02
0.4
V
CPIN
SDA and SCL Pin Capacitance TA = +25°C, f = 1MHz,
VDD = 5V, VIN =0V,
VOUT = 0V
10
pF
13, 14
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression
Time at SDA and SCL Inputs
Any pulse narrower than
the max spec is
suppressed.
50
ns
tAA
SCL Falling Edge to SDA
Output Data Valid
SCL falling edge crossing
30% of VDD, until SDA
exits the 30% to 70% of
VDD window.
900
ns
tBUF
Time the Bus Must be Free
Before the Start of a New
Transmission
SDA crossing 70% of
VDD during a STOP
condition, to SDA
crossing 70% of VDD
during the following
START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of
VDD crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of
VDD crossing.
600
ns
tSU:STA
START Condition Setup Time SCL rising edge to SDA
falling edge. Both
crossing 70% of VDD.
600
ns
ISL12022M


Numéro de pièce similaire - ISL12022MIBZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL12022MIBZ-T RENESAS-ISL12022MIBZ-T Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ-TR5421 INTERSIL-ISL12022MIBZ-TR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
logo
Renesas Technology Corp
ISL12022MIBZ-TR5421 RENESAS-ISL12022MIBZ-TR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Description similaire - ISL12022MIBZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com