Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCE937 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce CDCE937
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CDCE937_10 Datasheet HTML 2Page - Texas Instruments CDCE937_10 Datasheet HTML 3Page - Texas Instruments CDCE937_10 Datasheet HTML 4Page - Texas Instruments CDCE937_10 Datasheet HTML 5Page - Texas Instruments CDCE937_10 Datasheet HTML 6Page - Texas Instruments CDCE937_10 Datasheet HTML 7Page - Texas Instruments CDCE937_10 Datasheet HTML 8Page - Texas Instruments CDCE937_10 Datasheet HTML 9Page - Texas Instruments CDCE937_10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CDCE937
CDCEL937
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
www.ti.com
DEVICE CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OVERALL PARAMETER
All PLLS on
29
All outputs off, f(CLK) = 27 MHz,
IDD
Supply current (see Figure 3)
mA
f(VCO) = 135 MHz
Per PLL
9
CDCE937,
3.1
VDDOUT = 3.3 V
Output supply current (see Figure 4 and
No load, all outputs on,
IDDOUT
mA
Figure 5
fOUT = 27 MHz
CDCEL937,
1.5
VDDOUT = 1.8 V
Power-down current. Every circuit powered
IDD(PD)
fIN = 0 MHz,
VDD = 1.9 V
50
mA
down except SDA/SCL
Supply voltage Vdd threshold for power-up
V(PUC)
0.85
1.45
V
control circuit
f(VCO)
VCO frequency range of PLL
80
230
MHz
Vddout = 3.3 V
230
fOUT
LVCMOS output frequency
MHz
Vddout = 1.8 V
230
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VDD = 1.7 V; II = –18 mA
–1.2
V
II
LVCMOS Input current
VI = 0 V or VDD; VDD = 1.9 V
±5
mA
IIH
LVCMOS Input current for S0/S1/S2
VI = VDD; VDD = 1.9 V
5
mA
IIL
LVCMOS Input current for S0/S1/S2
VI = 0 V; VDD = 1.9 V
–4
mA
Input capacitance at Xin/Clk
VI(Clk) = 0 V or VDD
6
CI
Input capacitance at Xout
VI(Xout) = 0 V or VDD
2
pF
Input capacitance at S0/S1/S2
VIS = 0 V or VDD
3
CDCE937 - LVCMOS PARAMETER FOR Vddout = 3.3 V – MODE
Vddout = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
Vddout = 3 V, IOH = –8 mA
2.4
V
Vddout = 3 V, IOH = –12 mA
2.2
Vddout = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
Vddout = 3 V, IOL = 8 mA
0.5
V
Vddout = 3 V, IOL = 12 mA
0.8
tPLH,
Propagation delay
All PLL bypass
3.2
ns
tPHL
tr/tf
Rise and fall time
Vddout= 3.3 V (20%–80%)
0.6
ns
1 PLL switching, Y2-to-Y3
60
90
tjit(cc)
Cycle-to-cycle jitter(2) (3)
ps
3 PLL switching, Y2-to-Y7
100
150
1 PLL switching, Y2-to-Y3
70
100
tjit(per)
Peak-to-peak period jitter(3)
ps
3 PLL switching, Y2-to-Y7
120
180
fOUT = 50 MHz; Y1-to-Y3
60
tsk(o)
Output skew (4) , See Table 2
ps
fOUT = 50 MHz; Y2-to-Y5
160
odc
Output duty cycle (5)
fVCO = 100 MHz; Pdiv = 1
45%
55%
(1)
All typical values are at respective nominal VDD.
(2)
10000 cycles.
(3)
Jitter depends on configuration. Data is taken under the following conditions: 1-PLL : fIN = 27MHz, Y2/3 = 27 MHz, (measured at Y2),
3-PLL: fIN = 27 MHz, Y2/3 = 27 MHz (measured at Y2), Y4/5 = 16.384 MHz, Y6/7 = 74.25 MHz
(4)
The tsk(o) specification is only valid for equal loading of each bank of outputs, and outputs are generated from the same divider; data
taking on rising edge (tr).
(5)
odc depends on output rise and fall time (tr/tf).
6
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE937 CDCEL937


Numéro de pièce similaire - CDCE937_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
More results

Description similaire - CDCE937_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com