Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM4743W Fiches technique(PDF) 3 Page - Rectron Semiconductor

No de pièce FM4743W
Description  SURFACE MOUNT ZENER SILICON RECTIFIER (VOLTAGE RANGE - 6.2 TO 91.0 Volts Steady State Power- 1.0 Watt)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4743W Fiches technique(HTML) 3 Page - Rectron Semiconductor

  FM4743W Datasheet HTML 1Page - Rectron Semiconductor FM4743W Datasheet HTML 2Page - Rectron Semiconductor FM4743W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( FM4735W THRU FM4763W )
FIG. 1 - MAXIMUM CONTINUOUS
POWER DISSIPATION
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS FOR FM4763W
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
FIG. 2 - TYPICAL ZENER IMPEDANCE
TERMINALS TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
IZT, ZENER TEST CURRENT, mA
1.0
1,000
100
10
1
25
50
0.5
10
100
500
75
100
125
150
175
0.75
0.5
0.25
10
1
0.1
0
10
30
50
70
90
110
0.4
0.6
0.8
1.0
1.2
Vz, ZENER VOLTAGE, VOLTS
0
10 20 304050 6070 8090 100
1.4
1.6
0.01
0
60 Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B.MOUNTED ON
0.31 X 0.31 X 0.08" (8 X 8 X 2mm)
COPPER AREAS PADS
PULSE WIDTH=300uS
1% DUTY CYCLE
TESTED at RATED IZT
TJ = 25
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED ZENER VOLTAGE, %
10
1
0.1
0
2040
6080
100
0.01
TJ = 100
TJ = 25


Numéro de pièce similaire - FM4743W

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
FM4743W SUNMATE-FM4743W Datasheet
313Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Description similaire - FM4743W

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
Dc Components
SMA5920 DCCOM-SMA5920 Datasheet
51Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
logo
Rectron Semiconductor
TFMBG150A RECTRON-TFMBG150A Datasheet
410Kb / 3P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Leshan Radio Company
CSZAXXXA LRC-CSZAXXXA Datasheet
436Kb / 5P
   Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.A Oct. 2022 1
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
   Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
logo
Dc Components
MMSZ4735A DCCOM-MMSZ4735A Datasheet
63Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
SMA1EZ6.2 DCCOM-SMA1EZ6.2 Datasheet
49Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 300 Volts
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com