Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3166YEPR Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TS5A3166YEPR
Description  0.9-廓 SPST ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3166YEPR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TS5A3166YEPR Datasheet HTML 5Page - Texas Instruments TS5A3166YEPR Datasheet HTML 6Page - Texas Instruments TS5A3166YEPR Datasheet HTML 7Page - Texas Instruments TS5A3166YEPR Datasheet HTML 8Page - Texas Instruments TS5A3166YEPR Datasheet HTML 9Page - Texas Instruments TS5A3166YEPR Datasheet HTML 10Page - Texas Instruments TS5A3166YEPR Datasheet HTML 11Page - Texas Instruments TS5A3166YEPR Datasheet HTML 12Page - Texas Instruments TS5A3166YEPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TS5A3166
0.9 W SPST ANALOG SWITCH
SCDS186 − FEBRUARY 2005
www.ti.com
9
Electrical Characteristics for 1.8-V Supply(1)
V+ = 1.65 V to 1.95 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal range
VCOM, VNO
0
V+
V
Peak ON resistance
rpeak
0
≤ VNO ≤ V+,
Switch ON,
25
°C
1.65 V
3.7
25
Peak ON resistance
rpeak
0
≤ VNO ≤ V+,
ICOM = −2 mA,
Switch ON,
See Figure 13
Full
1.65 V
30
ON-state resistance
ron
VNO = 1.5 V,
Switch ON,
25
°C
1.65 V
1.5
3.4
ON-state resistance
ron
VNO = 1.5 V,
ICOM = −2 mA,
Switch ON,
See Figure 13
Full
1.65 V
3.5
ON-state resistance
ron(flat)
0
≤ VNO ≤ V+,
ICOM = −2 mA
Switch ON,
See Figure 13
25
°C
1.65 V
1.5
ON-state resistance
flatness
ron(flat)
VNO = 0.6 V, 1.5 V,
Switch ON,
25
°C
1.65 V
2
6
flatness
VNO = 0.6 V, 1.5 V,
ICOM = −2 mA
Switch ON,
See Figure 13
Full
6
INO(OFF)
VNO = 0.3 V, VCOM = 1.65 V,
or
25
°C
1.95 V
−2
0.5
2
nA
NO
OFF leakage current
INO(OFF)
NO
COM
or
VNO = 1.65 V, VCOM = 0.3 V Switch OFF,
See Figure 14
Full
1.95 V
−20
20
nA
OFF leakage current
INO(PWROFF)
VNO = 0 to 1.95 V,
See Figure 14
25
°C
0 V
−1
0.1
1
A
INO(PWROFF)
VNO = 0 to 1.95 V,
VCOM = 1.95 V to 0
Full
0 V
−5
5
µA
ICOM(OFF)
VCOM = 0.3 V, VNO = 1.65 V,
or
25
°C
1.95 V
−2
0.5
2
nA
COM
OFF leakage current
ICOM(OFF)
COM
NO
or
VCOM = 0.3 V, VNO = 1.65 V Switch OFF,
See Figure 14
Full
1.95 V
−20
20
nA
OFF leakage current
ICOM(PWROFF)
VCOM = 0 to 1.95 V,
See Figure 14
25
°C
0 V
−1
0.1
1
A
ICOM(PWROFF)
VCOM = 0 to 1.95 V,
VNO = 1.95 V to 0
Full
0 V
−5
5
µA
NO
INO(ON)
VNO = 0.3 V, VCOM = Open,
or
Switch ON,
25
°C
1.95 V
−2
0.1
2
nA
NO
ON leakage current
INO(ON)
NO
COM
or
VNO = 1.65 V, VCOM = Open,
Switch ON,
See Figure 15
Full
1.95 V
−20
20
nA
COM
ICOM(ON)
VCOM = 0.3 V, VNO = Open,
or
Switch ON,
25
°C
1.95 V
−2
0.1
2
nA
COM
ON leakage current
ICOM(ON)
COM
NO
or
VCOM = 1.65 V, VNO = Open,
Switch ON,
See Figure 15
Full
1.95 V
−20
20
nA
Digital Control Input (IN)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage current
IIH, IIL
VI = 5.5 V or 0
25
°C
1.95 V
−2
0.3
2
nA
Input leakage current
IIH, IIL
VI = 5.5 V or 0
Full
1.95 V
−20
20
nA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Numéro de pièce similaire - TS5A3166YEPR

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
TS5A3166YZPR NSC-TS5A3166YZPR Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3166YZPR TI1-TS5A3166YZPR Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results

Description similaire - TS5A3166YEPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A3166-Q1 TI-TS5A3166-Q1_15 Datasheet
896Kb / 30P
[Old version datasheet]   TS5A3166-Q1 0.9-廓 SPST Analog Switch
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com