Moteur de recherche de fiches techniques de composants électroniques |
|
FM380 Fiches technique(PDF) 2 Page - Rectron Semiconductor |
|
FM380 Fiches technique(HTML) 2 Page - Rectron Semiconductor |
2 / 2 page RATING AND CHARACTERISTIC CURVES ( FM320 THRU FM3100 ) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE LEAD TEMPERATURE, ( ) 3.0 2.5 2.0 1.5 1.0 .5 0 0 25 50 75 100 125 150 Single Phase Half Wave 60Hz Resistive of Inductive Load FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT NUMBER OF CYCLE AT 60Hz 1 2 5 10 20 50 100 80 70 60 50 40 30 20 10 At rated TL 8.3ms Single Half Sine-Wave (JEDEC Method) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE, (V) TJ = 25 Pulse Width = 300uS 1% Duty Cycle 20 10 1.0 .1 .2 .3 .4 .5 .6 .7 .8 .9 FIG. 4 - TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE, (V) 500 200 100 50 20 10 5 .1 .2 .5 1 2 5 10 20 40 TJ = 25 FIG. 2 - TYPICAL REVERSE CHARACTERISTICS PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 0 20 40 60 80 100 120 140 .001 .01 .1 1.0 10 TJ = 125 TJ = 25 TJ = 75 FM320~FM340 FM380~FM3100 FM350~FM360 P.C.B Mounted on 0.4X0.4"(10X10mm) copper pad areas FM320 FM330 FM340 FM350 FM360 FM380 FM3100 |
Numéro de pièce similaire - FM380 |
|
Description similaire - FM380 |