Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A1066 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TS5A1066
Description  10-W SPST ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066 Fiches technique(HTML) 1 Page - Texas Instruments

  TS5A1066_10 Datasheet HTML 1Page - Texas Instruments TS5A1066_10 Datasheet HTML 2Page - Texas Instruments TS5A1066_10 Datasheet HTML 3Page - Texas Instruments TS5A1066_10 Datasheet HTML 4Page - Texas Instruments TS5A1066_10 Datasheet HTML 5Page - Texas Instruments TS5A1066_10 Datasheet HTML 6Page - Texas Instruments TS5A1066_10 Datasheet HTML 7Page - Texas Instruments TS5A1066_10 Datasheet HTML 8Page - Texas Instruments TS5A1066_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
NO
COM
GND
IN
V+
YEP OR YZP PACKAGE
(BOTTOM VIEW)
3
2
1
4
5
NO
COM
GND
IN
V+
DESCRIPTION/ORDERING INFORMATION
TS5A1066
10-
Ω SPST ANALOG SWITCH
SCDS185B – JANUARY 2005 – REVISED APRIL 2006
Low ON-State Resistance (10
Ω)
Control Inputs Are 5.5-V Tolerant
Low Charge Injection
Low Total Harmonic Distortion (THD)
1.65-V to 5.5-V Single-Supply Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
The TS5A1066 is a single-pole single-throw (SPST) analog switch that is designed to operate from 1.65 V to
5.5 V. This device can handle both digital and analog signals, and signals up to V+ (peak) can be transmitted in
either direction.
SUMMARY OF CHARACTERISTICS
Single-Pole,
Configuration
Single-Throw Demultiplexer
(1
× SPST)
Number of channels
1
ON-state resistance (ron)
7.5
ON-state resistance flatness (ron(flat))
2.5
Turn-on/turn-off time (tON/tOFF)
9.5 ns/2 ns
Charge injection (QC)
1 pC
Bandwidth (BW)
400 MHz
OFF isolation (OISO)
–68 dB at 10 MHz
Total harmonic distortion (THD)
0.14%
Leakage current (ICOM(OFF)
±0.1 µA
Power-supply current (I+)
0.05
µA
5-pin DSBGA, SOT-23,
Package options
or SC-70
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
TS5A1066YEPR
0.23-mm Large Bump - YEP
Tape and reel
JD_
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
TS5A1066YZPR
–40
°C to 85°C
(Pb-free)
SOT (SOT-23) – DBV
Tape and reel
TS5A1066DBVR
JAD_
SOT (SC-70) – DCK
Tape and reel
TS5A1066DCKR
JD_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TS5A1066_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results

Description similaire - TS5A1066_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com