Moteur de recherche de fiches techniques de composants électroniques |
|
TS3V330 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
TS3V330 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 26 page www.ti.com PARAMETER MEASUREMENT INFORMATION Network Analyzer (HP8753ES) RL = 150 Ω EXT TRIGGER BIAS P1 P2 DUT DA IN EN S1A VEN VIN VCC VBIAS HP8753ES Setup TS3V330 QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE SCDS162C – MAY 2004 – REVISED JULY 2005 Figure 7. Test Circuit for Frequency Response (BW) Frequency response is measured at the output of the ON channel. For example, when VIN = 0, VEN = 0, and DA is the input, the output is measured at S1A. All unused analog I/O ports are left open. Average = 4 RBW = 3 kHz VBIAS = 0.35 V ST = 2 s P1 = 0 dBM 11 |
Numéro de pièce similaire - TS3V330 |
|
Description similaire - TS3V330 |