Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G14DCKRG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
SN74AUP1G14DCKRG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 22 page SN74AUP1G14 www.ti.com SCES578I – JUNE 2003 – REVISED MAY 2010 SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85°C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 16.3 1.2 V ± 0.1 V 4.2 6.9 11.7 0.9 15 1.5 V ± 0.1 V 3.7 5.2 8.4 1.7 10.7 tpd A Y ns 1.8 V ± 0.15 V 3.3 4.4 6.9 1.9 8.5 2.5 V ± 0.2 V 2.8 3.5 4.8 1.8 6.1 3.3 V ± 0.3 V 2.5 3 4 1.7 4.9 SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85°C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 18.4 1.2 V ± 0.1 V 4.6 7.9 13.4 1.3 16.7 1.5 V ± 0.1 V 4 6 9.6 2.2 11.8 tpd A Y ns 1.8 V ± 0.15 V 3.6 5 7.9 2.4 9.5 2.5 V ± 0.2 V 3.2 4 5.5 2.3 6.8 3.3 V ± 0.3 V 2.9 3.5 4.6 2.1 5.6 SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85°C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 20.1 1.2 V ± 0.1 V 5.5 8.7 14 2.5 17.3 1.5 V ± 0.1 V 4.7 6.7 10 3 12.5 tpd A Y ns 1.8 V ± 0.15 V 4.2 5.6 8.3 3 10.1 2.5 V ± 0.2 V 3.6 4.5 5.9 2.7 7.4 3.3 V ± 0.3 V 3.3 3.9 5 2.5 6.1 Copyright © 2003–2010, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): SN74AUP1G14 |
Numéro de pièce similaire - SN74AUP1G14DCKRG4 |
|
Description similaire - SN74AUP1G14DCKRG4 |