Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL3L100 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TL3L100
Description  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL3L100 Fiches technique(HTML) 1 Page - Texas Instruments

  TL3L100 Datasheet HTML 1Page - Texas Instruments TL3L100 Datasheet HTML 2Page - Texas Instruments TL3L100 Datasheet HTML 3Page - Texas Instruments TL3L100 Datasheet HTML 4Page - Texas Instruments TL3L100 Datasheet HTML 5Page - Texas Instruments TL3L100 Datasheet HTML 6Page - Texas Instruments TL3L100 Datasheet HTML 7Page - Texas Instruments TL3L100 Datasheet HTML 8Page - Texas Instruments TL3L100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TS3L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS161A − MAY 2004 – REVISED OCTOBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Bandwidth (BW = 350 MHz Min)
D Low Differential Crosstalk
(XTALK = −68 dB Typ)
D Low Power Consumption (ICC = 10 mA Max)
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low ON-State Resistance (ron = 5 W Typ)
D Rail-to-Rail Switching on Data I/O Ports
(0 to VCC)
D VCC Operating Range From 3 V to 3.6 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Data and Control Inputs Have Undershoot
Clamp Diodes
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Suitable for Both 10 Base-T/100 Base-T
Signaling
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
IA0
IA1
YA
IB0
IB1
YB
GND
VCC
E
ID0
ID1
YD
IC0
IC1
YC
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
E
ID0
ID1
YD
IC0
IC1
IA0
IA1
YA
IB0
IB1
YB
description/ordering information
The TI TS3L100 LAN switch is a 4-bit 1-of-2 multiplexer/demultiplexer with a single switch-enable (E) input.
When E is low, the switch is enabled and the I port is connected to the Y port. When E is high, the switch is
disabled and the high-impedance state exists between the I and Y ports. The select (S) input controls the data
path of the multiplexer/demultiplexer.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
TS3L100RGYR
TK100
SOIC − D
Tube
TS3L100D
TS3L100
SOIC − D
Tape and reel
TS3L100DR
TS3L100
0
°C to 70°C
SSOP (QSOP) − DBQ
Tape and reel
TS3L100DBQR
TK100
0 C to 70 C
TSSOP − PW
Tube
TS3L100PW
TK100
TSSOP − PW
Tape and reel
TS3L100PWR
TK100
TVSOP − DGV
Tape and reel
TS3L100DGVR
TK100
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - TL3L100

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
logo
TiMOTION Technology Co....
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
   Max. load 4,000N (push)
20220411-V
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
   TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
   300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results

Description similaire - TL3L100

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100 TI-TS5L100 Datasheet
506Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com