Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3A44159RGTRG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS3A44159RGTRG4
Description  0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159RGTRG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TS3A44159RGTRG4 Datasheet HTML 1Page - Texas Instruments TS3A44159RGTRG4 Datasheet HTML 2Page - Texas Instruments TS3A44159RGTRG4 Datasheet HTML 3Page - Texas Instruments TS3A44159RGTRG4 Datasheet HTML 4Page - Texas Instruments TS3A44159RGTRG4 Datasheet HTML 5Page - Texas Instruments TS3A44159RGTRG4 Datasheet HTML 6Page - Texas Instruments TS3A44159RGTRG4 Datasheet HTML 7Page - Texas Instruments TS3A44159RGTRG4 Datasheet HTML 8Page - Texas Instruments TS3A44159RGTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ELECTRICAL CHARACTERISTICS FOR 4.3-V SUPPLY
(1)
TS3A44159
SCDS225A – MARCH 2007 – REVISED JUNE 2008 ......................................................................................................................................................... www.ti.com
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNO, VNC
25°C
0.3
0.45
ON-state
VNO or VNC = 2.5 V,
Switch ON,
ron
4.3 V
resistance
ICOM = –100 mA,
See Figure 16
Full
0.5
ON-state
25°C
0.05
0.07
VNO or VNC = 2.5 V,
Switch ON,
resistance match
Δron
4.3 V
ICOM = –100 mA,
See Figure 16
Full
0.1
between channels
ON-state
VNO or VNC = 1 V,
25°C
0.02
0.1
Switch ON,
resistance
ron(flat)
1.5 V, 2.5 V,
4.3 V
See Figure 16
Full
0.1
flatness
ICOM = –100 mA,
VNO or VNC = 0.3 V,
25°C
–20
5
20
NC, NO
VCOM = 3.0 V,
INO(OFF),
OFF leakage
or
See Figure 17
4.3 V
nA
INC(OFF)
Full
–90
90
current
VNO or VNC = 3.0 V,
VCOM = 0.3 V,
VNO or VNC = 0.3 V,
25°C
–20
5
20
NC, NO
VCOM = Open,
INO(ON),
ON leakage
or
See Figure 18
4.3 V
nA
INC(ON)
Full
–90
90
current
VNO or VNC = 3.0 V,
VCOM = Open,
VNO or VNC = Open,
25°C
–20
5
20
COM
VCOM = 0.3 V,
ON leakage
ICOM(ON)
or
See Figure 18
4.3 V
nA
Full
–90
90
current
VNO or VNC = Open,
VCOM = 3.0 V,
Digital Control Inputs (IN1-2, IN3-4)(2)
Input logic high
VIH
Full
4.3 V
1.5
4.3
V
Input logic low
VIL
Full
4.3 V
0
1
V
25°C
0.5
10
Input leakage
IIH, IIL
VIN = 3.6 V or 0
4.3 V
nA
current
Full
50
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A44159


Numéro de pièce similaire - TS3A44159RGTRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A44159RGTRG4 TI-TS3A44159RGTRG4 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159RGTRG4 TI-TS3A44159RGTRG4 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

Description similaire - TS3A44159RGTRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159_08 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_15 Datasheet
1Mb / 35P
[Old version datasheet]   TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com